Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 15 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 11Page - Texas Instruments LM98640CVAL Datasheet HTML 12Page - Texas Instruments LM98640CVAL Datasheet HTML 13Page - Texas Instruments LM98640CVAL Datasheet HTML 14Page - Texas Instruments LM98640CVAL Datasheet HTML 15Page - Texas Instruments LM98640CVAL Datasheet HTML 16Page - Texas Instruments LM98640CVAL Datasheet HTML 17Page - Texas Instruments LM98640CVAL Datasheet HTML 18Page - Texas Instruments LM98640CVAL Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
15
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
LM98640QML-SP Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD33 = 3.3 V, VDD18 = 1.8 V, CL = 10 pF, and fINCLK = 40 MHz unless otherwise
specified.
PARAMETER
TEST CONDITIONS
NOTES
SUB-
GROUPS
MIN TYP(3)
MAX UNIT
Noise
Noise Floor CDS Gain = 1x
PGA Gain = FE
5 MHz
1, 2
–66.0
–64.6
dB
3
–65.0
–62.5
15 MHz
–66.0
dB
–66.0
25 MHz
–66.0
dB
–65.0
40 MHz
1, 2
–66.0
–64.6
dB
3
–66.5
–65.7
Noise Floor CDS Gain = 1x
PGA Gain = FE
5 MHz
1, 2
8.20
9.6
LSB
3
9.15
11.9
15 MHz
8.20
LSB
8.20
25 MHz
8.20
LSB
9.15
40 MHz
1, 2
8.20
9.45
LSB
3
7.70
8.5
Noise Floor CDS Gain = 1x
PGA Gain = 61
5 MHz
1, 2, 3
–79
–78
dB
15 MHz
–79
dB
25 MHz
–79
dB
40MHz
1, 2, 3
–79
–78
dB
Noise Floor CDS Gain = 1x
PGA Gain = 61
5 MHz
1, 2, 3
1.8
2.05
LSB
15 MHz
1.8
LSB
25 MHz
1.8
LSB
40 MHz
1, 2, 3
1.8
2.05
LSB
Channel to Channel Crosstalk
5 MHz
4, 5, 6
–79
–77
dB
15 MHz
–86
25 MHz
–79
40 MHz
4, 5, 6
–76
–74
BMD
CDS Mode Bimodal Offset
CDS Gain = 1x
PGA Gain = 8x
5 MHz
1, 2, 3
2.2
6.0
mV
15 MHz
2.1
25 MHz
2.2
40 MHz
1, 2, 3
2.3
6.0
CDS Mode Bimodal Offset
CDS Gain = 1x
PGA Gain = 1x
5 MHz
1, 2, 3
0.35
1
mV
15 MHz
0.29
25 MHz
0.33
40 MHz
1, 2, 3
0.4
1.05
SNR
Signal-to-Noise Ratio
5 MHz
4, 5
66.0
67.4
dB
6
63.0
64.2
15 MHz
68.0
dB
64.2
25 MHz
68.5
dB
64.2
40 MHz
4, 5
66.5
68.5
dB
6
62.0
64.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com