Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 10 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 6Page - Texas Instruments LM98640CVAL Datasheet HTML 7Page - Texas Instruments LM98640CVAL Datasheet HTML 8Page - Texas Instruments LM98640CVAL Datasheet HTML 9Page - Texas Instruments LM98640CVAL Datasheet HTML 10Page - Texas Instruments LM98640CVAL Datasheet HTML 11Page - Texas Instruments LM98640CVAL Datasheet HTML 12Page - Texas Instruments LM98640CVAL Datasheet HTML 13Page - Texas Instruments LM98640CVAL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
10
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
LM98640QML-SP Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD33 = 3.3 V, VDD18 = 1.8 V, CL = 10 pF, and fINCLK = 40 MHz unless otherwise
specified.
PARAMETER
TEST CONDITIONS
NOTES
SUB-
GROUPS
MIN TYP(3)
MAX UNIT
LVDS OUTPUT DC SPECIFICATIONS
VOD
Differential Output Voltage
LVDS Output Modes =
0000 x100
RL = 100 Ω
1, 2, 3
210
275
410
mV
VOS
LVDS Output Offset Voltage
1, 2, 3
1.05
1.19
1.3
V
VOD
Differential Output Voltage
LVDS Output Modes =
0000 x101
RL = 100 Ω
1, 2, 3
250
325
460
mV
VOS
LVDS Output Offset Voltage
1, 2, 3
1.05
1.19
1.3
V
VOD
Differential Output Voltage
LVDS Output Modes =
0000 x110
RL = 100 Ω
1, 2, 3
300
377
535
mV
VOS
LVDS Output Offset Voltage
1, 2, 3
0.95
1.1
1.2
V
VOD
Differential Output Voltage
LVDS Output Modes =
0000 x111
RL = 100 Ω
1, 2, 3
350
425
590
mV
VOS
LVDS Output Offset Voltage
1, 2, 3
0.95
1.1
1.2
V
IOH
LVDS Output Leakage Current
1, 2, 3
4.25
5
μA
IOL
LVDS Output Leakage Current
1, 2, 3
–5
–4.29
μA
IOS
Output Short Circuit Current
VOUT = 0 V, RL = 100 Ω
1, 2, 3
40
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com