Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 24 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 20Page - Texas Instruments LM98640CVAL Datasheet HTML 21Page - Texas Instruments LM98640CVAL Datasheet HTML 22Page - Texas Instruments LM98640CVAL Datasheet HTML 23Page - Texas Instruments LM98640CVAL Datasheet HTML 24Page - Texas Instruments LM98640CVAL Datasheet HTML 25Page - Texas Instruments LM98640CVAL Datasheet HTML 26Page - Texas Instruments LM98640CVAL Datasheet HTML 27Page - Texas Instruments LM98640CVAL Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
INCLK (Pixel Rate)
Ideal
Pixel output from CCD
Internal Clock
(64 selectable
positions)
CLAMP
(internal pixel reference
level sampling clock)
SAMPLE
(internal pixel video
level sampling clock)
0x3F
0x1F
0x00
0x00
0x1F
Clamp Start = 0x04
Clamp End = 0x18
Sample Start = 0x25
Sample End = 0x3A
Delayed
Pixel output from CCD
CLAMP
(internal pixel reference
level sampling clock)
SAMPLE
(internal pixel video
level sampling clock)
Clamp Start = 0x1C
Clamp End = 0x32
Sample Start = 0x3E
Sample End = 0x12
Internal Clock Delay = 6.0ns + 3/64 * TINCLK
TINCLK
24
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Feature Description (continued)
Figure 16. CDS Mode CLAMP/SAMPLE Adjust
7.3.2 Input Bias and Clamping
The inputs to the LM98640QML-SP are typically AC coupled in Correlated Double Sampling Mode (CDS Mode)
because of the switching between two signals. In Sample and Hold Mode (S/H Mode), DC coupling or AC
coupling is possible depending on the signal type. The circuit of Figure 17 shows the input structure of the
LM98640QML-SP. The DC bias point for the LM98640QML-SP side of the AC coupling capacitor can to be set
using an external DC bias resistor network, by using the CLPIN configuration, or by using the BITCLP
configuration. A typical CCD waveform is shown in Figure 18. Also shown in Figure 18 is an internal signal
“CLAMP” which can be used to “gate” the CLPIN signal so that it only occurs during the “pedestal” portion of the
CCD pixel waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com