Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 17 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 13Page - Texas Instruments LM98640CVAL Datasheet HTML 14Page - Texas Instruments LM98640CVAL Datasheet HTML 15Page - Texas Instruments LM98640CVAL Datasheet HTML 16Page - Texas Instruments LM98640CVAL Datasheet HTML 17Page - Texas Instruments LM98640CVAL Datasheet HTML 18Page - Texas Instruments LM98640CVAL Datasheet HTML 19Page - Texas Instruments LM98640CVAL Datasheet HTML 20Page - Texas Instruments LM98640CVAL Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
17
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
(1)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of product characterization. The typical
specifications are not ensured.
(2)
This parameter is ensured by design and/or characterization and is not tested.
6.7
AC Timing Specifications
The following specifications apply for VDD33 = 3.3 V, VDD18 = 1.8 V, CL = 10 pF, and fINCLK = 15 MHz unless otherwise
specified.
PARAMETER
TEST CONDITIONS
NOTES
SUB-
GROUPS
MIN
TYP(1)
MAX
UNIT
INPUT CLOCK TIMING SPECIFICATIONS
fINCLK
Input clock frequency
INCLK = ADCCLK
9, 10, 11
5
40
MHz
(ADC Rate Clock)
Tdc
Input clock duty cycle
9, 10, 11
40/60%
50/50%
60/40%
tLAT
Pipeline latency
See(2)
10
TADC
LVDS OUTPUT TIMING SPECIFICATIONS
tDOD
Data output delay
fINCLK = 40 MHz
INCLK = ADCCLK
(ADC Rate Clock)
LVDS Output Specifications
not tested in production.
Min/Max ensured by design,
characterization and
statistical analysis.
9, 10, 11
6.44
7.50
ns
tDSO
Dual lane mode
9, 10, 11
0.45
0.69
ns
Odd data setup
tDSE
Dual lane mode
9, 10, 11
0.45
0.89
ns
Even data setup
tQSR
Quad lane mode
9, 10, 11
0.45
0.63
ns
Data to rising clock setup
tQHF
Quad lane mode
9, 10, 11
0,45
0.53
ns
Falling clock to data hold
SERIAL INTERFACE TIMING SPECIFICATIONS
fSCLK
Input clock frequency
fSCLK <= fINCLK
9, 10, 11
1
20
MHz
INCLK = ADCCLK
(ADC Rate Clock)
SCLK duty cycle
9, 10, 11
40/60
50/50
60/40
ns
tIH
Input hold time
9, 10, 11
2.5
1
ns
tIS
Input setup time
9, 10, 11
2.5
1
ns
tSENSC
SCLK start time after SEN low
9, 10, 11
1.5
1
ns
tSCSEN
SEN high after last SCLK rising
edge
9, 10, 11
2.5
2
ns
tSENW
SEN pulse width
9, 10, 11
8
6
ns
tOD
Output delay time
9, 10, 11
10.54
11.6
ns
tHZ
Data output to high Z
9, 10, 11
1.2
1.23
TSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com