Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 6 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 2Page - Texas Instruments LM98640CVAL Datasheet HTML 3Page - Texas Instruments LM98640CVAL Datasheet HTML 4Page - Texas Instruments LM98640CVAL Datasheet HTML 5Page - Texas Instruments LM98640CVAL Datasheet HTML 6Page - Texas Instruments LM98640CVAL Datasheet HTML 7Page - Texas Instruments LM98640CVAL Datasheet HTML 8Page - Texas Instruments LM98640CVAL Datasheet HTML 9Page - Texas Instruments LM98640CVAL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
6
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
NAME
I/O(1)
TYP
RES
DESCRIPTION
46
TXOUT0-
O
D
LVDS Data Out0-
47
TXCLK+
O
D
LVDS Clock+
48
TXCLK-
O
D
LVDS Clock-
49
VSS18
P
Digital supply return.
50
VDD18
P
Digital power supply. Decouple with minimum 0.1-µF capacitor to VSS18 plane.
51
ATB0
O
A
Analog Test Bus. If not used, can be connected to VSS18 through a 10-kΩ resistor.
52
ATB1
O
A
Analog Test Bus. If not used, can be connected to VSS18 through a 10-kΩ resistor.
53
VDD18
P
Digital power supply. Decouple with minimum 0.1-µF capacitor to VSS18 plane.
54
VDD18
P
Digital power supply. Decouple with minimum 0.1-µF capacitor to VSS18 plane.
55
VSS18
P
Digital supply return.
56
VSS18
P
Digital supply return.
57
INCLK-
I
D
Clock Input. Inverting input for LVDS clocks.
58
INCLK+
I
D
Clock Input. Non-Inverting input for LVDS clocks.
59
VSS33
P
Analog supply return.
60
VDD33
P
Analog power supply. Decouple with minimum 0.1-µF capacitor to VSS33 plane.
61
VDD33
P
Analog power supply. Decouple with minimum 0.1-µF capacitor to VSS33 plane.
62
VSS33
P
Analog supply return.
63
IBIAS0
I
A
Connect with external 10-kΩ 1% resistor to IBIAS1 pin.
64
IBIAS1
I
A
Connect with external 10-kΩ 1% resistor to IBIAS0 pin.
65
VREFBG
O
A
Band gap reference output. Bypass with a 0.1-µF capacitor to VSS33. Can be overdriven
with external voltage source.
66
VSS33
P
Analog supply return.
67
VREFT1
O
A
Top of ADC reference. Bypass with a 0.1-µF capacitor to VSS33.
68
VREFB1
O
A
Bottom of ADC reference. Bypass with a 0.1-µF capacitor to VSS33.
Exp Pad
P
Exposed pad must be soldered to ground plane to ensure rated performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com