Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 27 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 23Page - Texas Instruments LM98640CVAL Datasheet HTML 24Page - Texas Instruments LM98640CVAL Datasheet HTML 25Page - Texas Instruments LM98640CVAL Datasheet HTML 26Page - Texas Instruments LM98640CVAL Datasheet HTML 27Page - Texas Instruments LM98640CVAL Datasheet HTML 28Page - Texas Instruments LM98640CVAL Datasheet HTML 29Page - Texas Instruments LM98640CVAL Datasheet HTML 30Page - Texas Instruments LM98640CVAL Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
CLAMP
SAMPLE
OSX-
CS
HOLD
CPAR
CPAR
CS
IBIAS
CLAMP
SAMPLE
OSX-
CS
HOLD
CPAR
CPAR
CS
27
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.2.2 CDS Mode Biasing
Correlated Double Sampling mode does not require as precise a DC bias point as does Sample and Hold mode.
This is due mainly to the nature of CDS itself, that is, the Video Signal voltage is referenced to the Reset Level
voltage instead of the static DC VCLP voltage. The common mode voltage of these two points on the CCD
waveform have little bearing on the resulting differential result. However, the DC bias point does need to be
established to ensure the CCD waveform’s common mode voltage is within rated operating ranges.
Figure 21. CDS Mode Simplified Input Diagram
The CDS mode biasing can be performed in the same way as described in the Sample and Hold Mode Biasing
section, or, an external resistor divider can be placed across the OSX– input to provide the DC bias voltage. In
CDS Mode the OSX+ pins should each be decoupled with 0.1-µF capacitors to ground.
Figure 22. CDS Mode Input Bias Current
Unlike in Sample and Hold Mode, the input bias current in CDS Mode is relatively small. Due to the architecture
of CDS switching, the average charge loss or gain on the input node is ideally zero over the duration of a pixel.
This results in a much lower input bias current, whose main source is parasitic impedances and leakage
currents. As a result of the lower input bias current in CDS Mode, maintaining the DC Bias point the input node
over the length of a line will require a much smaller AC input coupling capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com