Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 11 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 7Page - Texas Instruments LM98640CVAL Datasheet HTML 8Page - Texas Instruments LM98640CVAL Datasheet HTML 9Page - Texas Instruments LM98640CVAL Datasheet HTML 10Page - Texas Instruments LM98640CVAL Datasheet HTML 11Page - Texas Instruments LM98640CVAL Datasheet HTML 12Page - Texas Instruments LM98640CVAL Datasheet HTML 13Page - Texas Instruments LM98640CVAL Datasheet HTML 14Page - Texas Instruments LM98640CVAL Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
11
LM98640QML-SP
www.ti.com
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
LM98640QML-SP Electrical Characteristics
(1)(2) (continued)
The following specifications apply for VDD33 = 3.3 V, VDD18 = 1.8 V, CL = 10 pF, and fINCLK = 40 MHz unless otherwise
specified.
PARAMETER
TEST CONDITIONS
NOTES
SUB-
GROUPS
MIN TYP(3)
MAX UNIT
POWER SUPPLY SPECIFICATIONS (see Power Trimming section for PGA and ADC Power Trimming register settings)
IA
VDD33 Analog Supply Current
Dual Channel
Power optimized for
PGA Gain = 1-4x
Powerdown Control Reg
= 0x00
5 MHz
1, 2, 3
51.5
58
mA
15 MHz
61.3
25 MHz
69.6
40 MHz
1, 2, 3
87.6
98
VDD33 Analog Supply Current
Dual Channel
Power optimized for
PGA Gain = 1-8x
Powerdown Control Reg
= 0x00
5 MHz
1, 2, 3
51.5
58
mA
15 MHz
61.3
25 MHz
72.9
40 MHz
1, 2, 3
91.3
103
VDD33 Analog Supply Current
Single Channel
Power optimized for
PGA Gain = 1-4x
Powerdown Control Reg
= 0x15 (CH1 PD) or
= 0x2A (CH2 PD)
5 MHz
1, 2, 3
29.5
35
mA
15 MHz
36.1
25 MHz
42
40 MHz
1, 2, 3
53.7
60
VDD33 Analog Supply Current
Single Channel
Power optimized for
PGA Gain = 1-8x
Powerdown Control Reg
= 0x15 (CH1 PD) or
= 0x2A (CH2 PD)
5 MHz
1, 2, 3
29.5
35
mA
15 MHz
36.1
25 MHz
43.8
40 MHz
1, 2, 3
55.6
64
VDD33 Analog Supply Current
Powerdown
Powerdown Control Reg
= 0x80
1, 2, 3
2.85
3.85
mA
ID
VDD18 Digital Supply Current
LVDS Quad Lane Mode
LVDS Output Mode Reg
= 0x0E
5 MHz
36
mA
15 MHz
39
25 MHz
42
40 MHz
45
VDD18 Digital Supply Current
5 MHz
1, 2, 3
23.5
29
mA
15 MHz
25.5
25 MHz
27.5
40 MHz
1, 2, 3
30.5
37
VDD18 Digital Supply Current
Powerdown
Powerdown Control
Reg = 0x80
1, 2, 3
1.2
3.0
mA
PWR
Average Power Dissipation
Power optimized for
PGA Gain = 1-4x
Dual Channel
LVDS Dual Lane Mode
5 MHz
1, 2, 3
212
244
mW
15 MHz
250
25 MHz
280
40 MHz
1, 2, 3
345
390
Average Power Dissipation
Power optimized for
PGA Gain = 1-8x
Dual Channel
LVDS Dual Lane Mode
5 MHz
1, 2, 3
212
244
mW
15 MHz
250
25 MHz
290
40 MHz
1, 2, 3
356
407



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com