Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 28 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 24Page - Texas Instruments LM98640CVAL Datasheet HTML 25Page - Texas Instruments LM98640CVAL Datasheet HTML 26Page - Texas Instruments LM98640CVAL Datasheet HTML 27Page - Texas Instruments LM98640CVAL Datasheet HTML 28Page - Texas Instruments LM98640CVAL Datasheet HTML 29Page - Texas Instruments LM98640CVAL Datasheet HTML 30Page - Texas Instruments LM98640CVAL Datasheet HTML 31Page - Texas Instruments LM98640CVAL Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
PGA GAIN vs. PGA CODE
PGA REGISTER VALUE
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
224
192
160
128
96
64
32
0
Overall Gain (dB)
Overall Gain (V/V)
Gain (dB) =
20Log10(180/(277-PGA Code))
Gain (V/V) =
(180/(277-PGA Code))
28
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Feature Description (continued)
7.3.2.3 VCLP DAC
The VCLP pin can be used to provide the reference level for incoming signals in Sample and Hold Mode. The pin
is driven by the VCLP DAC, the VCLP DAC has five bits and has an approximate range of 2.9 V. The VCLP DAC
is controlled by the VCLP Control Register (0×04), and programmable through the serial interface.
7.3.3 Programmable Gain
The LM98640QML-SP provides two independent gain stages. The first stage is in the input CDS/SH circuit. The
second is in the form of a Programmable Gain Amplifier (PGA).
7.3.3.1 CDS/SH Stage Gain
The CDS/SH gain is programmable to either 0-dB or 6-dB gain. The load presented to the user in 6-dB mode is
roughly twice the switched load of 0-dB mode. The CDS/SH gain settings affect both channels. The CDS/SH
gain bit is located in bit 2 of the Main Configuration register, and programmable through the serial interface.
7.3.3.2 PGA Gain Plots
The PGA has an 8-bit resolution with a gain range of –3 dB to 18 dB. Figure 23 below shows a plot for the gain.
Each channel has a independent PGA controlled by registers CH1 PGA and CH2 PGA, and programmable
through the serial interface.
Figure 23. PGA Gain vs PGA Gain Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com