Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM98640CVAL Datasheet(PDF) 32 Page - Texas Instruments

Part # LM98640CVAL
Description  LM98640QML-SP Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM98640CVAL Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM98640CVAL Datasheet HTML 28Page - Texas Instruments LM98640CVAL Datasheet HTML 29Page - Texas Instruments LM98640CVAL Datasheet HTML 30Page - Texas Instruments LM98640CVAL Datasheet HTML 31Page - Texas Instruments LM98640CVAL Datasheet HTML 32Page - Texas Instruments LM98640CVAL Datasheet HTML 33Page - Texas Instruments LM98640CVAL Datasheet HTML 34Page - Texas Instruments LM98640CVAL Datasheet HTML 35Page - Texas Instruments LM98640CVAL Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
32
LM98640QML-SP
SNAS461G – MAY 2010 – REVISED NOVEMBER 2018
www.ti.com
Product Folder Links: LM98640QML-SP
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
7.3.7 Clock Receiver
A differential clock receiver is used to generate all clock signals on the LM98640QML-SP. The clock input should
be externally terminated with 100 Ω between the input clock pins. The clock may be DC or AC coupled to the
AFE.
7.3.8 Power Trimming
The LM98640QML-SP provides an adaptive power scaling feature that allows the user to optimize power
consumption based on the maximum operating frequency and the maximum amount of gain required. The power
scaling mode is selectable through the PGA Power Trimming and ADC Power Trimming registers (0x02,0x03).
The settings in these registers are common for both channels PGA and ADC. Using these registers the user can
control the current of the two stages of the PGA, and the current for the two levels of the ADC. The following
table provides a set of baseline configurations for various operating frequencies and gain ranges.
These configurations should be treated as baseline values and can be tuned to your specific application.
OPERATING FREQUENCY
1-4x MAX PGA GAIN
1-8x MAX PGA GAIN
5 - 15 MSPS
PGA Power Trimming = 0x00
ADC Power Trimming = 0x00
PGA Power Trimming = 0x01
ADC Power Trimming = 0x00
15 - 25 MSPS
PGA Power Trimming = 0x01
ADC Power Trimming = 0x00
PGA Power Trimming = 0x09
ADC Power Trimming = 0x00
25 - 40 MSPS
PGA Power Trimming = 0x01
ADC Power Trimming = 0x08
PGA Power Trimming = 0x09
ADC Power Trimming = 0x08
7.4 Device Functional Mode
7.4.1 Powerdown Modes
The LM98640QML-SP provides several ways to save power when the device is not in normal usage mode.
Using the Powerdown Control Register (0x01) the part can be placed into Powerdown Mode, or Single Channel
Mode. In Powerdown Mode (Powerdown Control, bit[7]) the following blocks are placed in a Powerdown mode:
VCLP, Channel 1 and 2 Reference Buffers, Channel 1 and 2 PGA OpAmps, and Channel 1 and 2 Amplifiers.
Powerdown Mode will override all other Powerdown Control Register bits. To place the part in Single Channel
Mode each block of the unused channel can be powered down using their respective control bits (Powerdown
Control, bits[5:0]). If an external reference clamp is used the VCLP block can be powered down during any
Power mode. For applications operating at a low enough frequency additional power can be saved by powering
down one channel reference buffer, then externally tie both channel's reference pins together.
7.4.2 LVDS Test Modes
The LVDS test modes present programmable data patterns to the input of the LVDS serializer block. The type of
pattern is selectable through the Test Pattern Control register. Once the LVDS test mode is enabled the patterns
are output indefinitely. Table 4 below shows the available test pattern modes.
Table 4. Test Pattern Modes
TEST PATTERN CONTROL[6:4]
TEST MODE
000
Fixed Code
001
Horizontal Gradient
010
Vertical Gradient
011
Lattice Pattern
100
Strip Pattern
101
LVDS Test Pattern (Synchronous)
110
LVDS Test Pattern (Asynchronous)
111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com