Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 136 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 136 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 132Page - STMicroelectronics L9963E Datasheet HTML 133Page - STMicroelectronics L9963E Datasheet HTML 134Page - STMicroelectronics L9963E Datasheet HTML 135Page - STMicroelectronics L9963E Datasheet HTML 136Page - STMicroelectronics L9963E Datasheet HTML 137Page - STMicroelectronics L9963E Datasheet HTML 138Page - STMicroelectronics L9963E Datasheet HTML 139Page - STMicroelectronics L9963E Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 184 page
background image
Figure 34. Fail Safe in case of open on busbar
L9963E
6.4
Current sense circuit
Figure 35 shows the recommended cell voltage sensing circuit.
Figure 35. Typical current sensing analog front end
L9963E
ISENSEP
ISENSEM
RISENSE
CESD
RISENSE
CESD
CISENSE_1
CISENSE_2
CISENSE_3
GND_ESD
Table 75. Current sense BOM
Components Value
Unit
Max.
tolerance
Rating
Comments
CESD
47
nF
10%
100 V
Protect against ESD events and ISO spikes. Connect to
GND_ESD
L9963E
Current sense circuit
DS13636 - Rev 12
page 136/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com