Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 138 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 138 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 134Page - STMicroelectronics L9963E Datasheet HTML 135Page - STMicroelectronics L9963E Datasheet HTML 136Page - STMicroelectronics L9963E Datasheet HTML 137Page - STMicroelectronics L9963E Datasheet HTML 138Page - STMicroelectronics L9963E Datasheet HTML 139Page - STMicroelectronics L9963E Datasheet HTML 140Page - STMicroelectronics L9963E Datasheet HTML 141Page - STMicroelectronics L9963E Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 184 page
background image
Components Value Unit
Max.
tolerance
Rating
Comments
MREG
3
V
VGS_TH max
VDS ≥ 80V
The STL8N10LF3 (single FET) is recommended for applications
requiring optimized thermal performances The STL8DN10LF3 (dual
FET) is recommended for applications requiring also a higher safety
integrity level. Alternatively, the STD25NF10LA is also supported.
For all components, follow MOSFET datasheet in order to optimize
Rth value.
CREG
4.7
µF
10%
16 V
Tank for the VREG regulator. Mount as close as possible to VREG
pin. Connect to AGND
6.6
Cell balancing circuits
6.6.1
Cell balancing with internal MOSFETs
Figure 37. Cell monitoring with internal balancing
C10
S10
B10_9
C9
S9
RLPF
RLPF
C8
RLPF
RDIS
RDIS
CLPF
CLPF
L9963E
•
Force lines used for
balancing. Connect them as
close as possible to the cell
connector. This improves
cell voltage sensing while
balancing is ongoing, by
minimizing the voltage drop
on the sense lines while
current is being sunk
•
Sense lines used for cell
voltage measurement. Keep
away from noisy lines.
Recommended PCB layout
strategy is to route them
over the first layer and
shield them using the
second layer as GND plane
Table 77. Internal balancing components with recommended values
Components Value
Unit
Max.
tolerance
Rating
Comments
RDIS
39
Ω
10%
3/4 W
Any value is possible, as long as the cell balance
current does not exceed the required current limitation
(200 mA). Maximum cell balance current in application is
IBALmax=VCELLmax
RDIS
Mounting less than 39 Ω may seriously jeopardize hotplug
capability of the internal balancing FETs.
Do not use thin film resistors on these lines connected to ECU
global pins. They could drift upon System Level ESD strikes.
Use thick film or metal foil instead.
L9963E
Cell balancing circuits
DS13636 - Rev 12
page 138/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com