Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 139 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 139 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 135Page - STMicroelectronics L9963E Datasheet HTML 136Page - STMicroelectronics L9963E Datasheet HTML 137Page - STMicroelectronics L9963E Datasheet HTML 138Page - STMicroelectronics L9963E Datasheet HTML 139Page - STMicroelectronics L9963E Datasheet HTML 140Page - STMicroelectronics L9963E Datasheet HTML 141Page - STMicroelectronics L9963E Datasheet HTML 142Page - STMicroelectronics L9963E Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 184 page
background image
6.6.2
Cell balancing with external MOSFETs
Figure 38. Cell monitoring with external balancing with the mixed NMOS and PMOS transistors
C10
S10
B10_9
C9
S9
RLPF
RLPF
C8
RLPF
RDRV
RDRV
CLPF
CLPF
L9963E
•
Force lines used for
balancing. Connect them as
close as possible to the cell
connector. This improves
cell voltage sensing while
balancing is ongoing, by
minimizing the voltage drop
on the sense lines while
current is being sunk
•
Sense lines used for cell
voltage measurement. Keep
away from noisy lines.
Recommended PCB layout
strategy is to route them
over the first layer and
shield them using the
second layer as GND plane
MP
RDIS
MN
RDIS
Table 78. External balancing components with recommended values
Components Value
Unit
Max.
tolerance
Rating
Comments
RDRV
2
kΩ
10%
1/10 W
The drop on RDRV generates the VGS = VCELL to turn on
the external balance FET. Max 3.3 kΩ. Values lower than
the recommended one can be used when both internal and
external paths have to be exploited for balancing. However,
current in the internal balancing path must not exceed 200
mA. Maximum internal cell balance current in application is
IBALmax=VCELLmax
RDRV
RDIS
10
Ω
10%
3 W
Any value is possible, as long as the cell balance current
does not exceed the maximum drain current of the external
FET. Maximum external cell balance current in application is
IBALmax=VCELLmax
RDIS
MP
The BSS308PE is recommended for the balancing of even
cells
MN
The 2V7002K is recommended for the balancing of odd cells
6.7
FAULT line circuit
The FAULT Line implementation varies according to the system topology. In all cases, fault signal follows a
monodirectional approach, propagating in the top-down direction. Transceivers are not included in the fault line
and can be bypassed.
L9963E
FAULT line circuit
DS13636 - Rev 12
page 139/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com