Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
Data Sheet
ADAR4002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 29 of 66
Figure 84. Gain vs. DSA Code over TDU Codes at 18 GHz, Time Delay Range
0
Figure 85. Time Delay vs. TDU Code over DSA Codes at 500 MHz, Time Delay
Range 0
Figure 86. Time Delay vs. TDU Code over DSA Codes at 2 GHz, Time Delay
Range 0
Figure 87. Gain vs. DSA Code over TDU Codes at 18 GHz, Time Delay Range
1
Figure 88. Time Delay vs. TDU Code over DSA Codes at 500 MHz, Time Delay
Range 1
Figure 89. Time Delay vs. TDU Code over DSA Codes at 2 GHz, Time Delay
Range 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com