Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
Data Sheet
ADAR4002
APPLICATIONS INFORMATION
analog.com
Rev. A | 48 of 66
LOGIC VOLTAGES GREATER THAN 1.2 V
Driving CSB/CLKO and DATA_IO to voltages more than 1.2 V,
appreciable current sinks into the pin, especially over temperature
(see Figure 133). Keep voltage drive levels to 1.2 V or lower on
these bidirectional, dual-use pins to avoid high-current draw. The
high-current draw is especially pronounced for the CSB/CLKO pin
in SPI mode. The CSB/CLKO pin idles high between SPI writes;
therefore, high-current draw occurs between SPI writes if the drive
voltage is more than 1.2 V.
The digital input only pins, CLK_IN, MODE, and UPDATE, do not
draw high current when driven with larger voltages than 1.2 V.
However, 1.2 V is still the recommend operational maximum for
these input pins.
Figure 133. CSB Pin Current vs. CSB Pin Voltage Drive Level over Tempera-
ture While in SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com