Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
Data Sheet
ADAR4002
THEORY OF OPERATION
analog.com
Rev. A | 41 of 66
DIGITAL SECTION
The ADAR4002 contains registers for overall control, DSA data,
and TDU data storage. There are two sequencers that can inde-
pendently sequence through the several DSA and TDU states
found in the registers. Each sequencer has its own programmable
start and stop value. The ADAR4002 has two digital modes that the
device can operate in SPI mode or shift register mode. Both modes
are described in the Digital Modes and Interface section.
DIGITAL MODES AND INTERFACE
The ADAR4002 is in SPI mode when the MODE pin is held at logic
low. In SPI mode, the TDU and DSA values are set via the 3-wire or
4-wire SPI bus (the CSB/CLKO, CLK_IN, DATA_IO, and DATA_O
pins). Note that in SPI mode, the CSB/CLKO pin function is the
CSB pin. In addition, the 3-wire SPI does not use the DATA_O pin,
and the DATA_IO becomes a bidirectional data input and output
pin. Two ranks of registers are present, loaded from first rank to
second rank on a data load command, either via a SPI write or
a short control command. Advancing the TDU and DSA state to
the next state using the sequencer is done either with a standard
24-bit SPI write, a 6-bit short control command, or a pulse of the
UPDATE pin. For multiple ADAR4002 chips to share the SPI lines
and enable individual chip control, each chip must have at least its
own dedicated CSB/CLKO, CLK_IN, or DATA_IO line to be unique.
For the fastest parallel data transfer, multiple ADAR4002 chips can
share CSB/CLKO and CLK_IN, with different DATA_IO for each
chip.
When the MODE pin is held at logic high, the ADAR4002 is in
shift register mode. In this mode, the TDU and DSA values are
set via the 2-wire serial interface, with the CLK_IN and DATA_IO
pins, along with the UPDATE pin that serves as the data load
from the first shift register to the second shift register. The output
pins, CSB/CLKO and DATA_O, allow for a daisy-chain connection
of multiple ADAR4002 chips, and the DATA_O pin of one chip
drives the DATA_IO pin of the next chip, and the CSB/CLKO pin
drives the CLK_IN pin of the next chip. Changing the TDU and
DSA to a different state is accomplished by clocking new TDU
and DSA data in on the CLK_IN and DATA_IO pins, and then
strobing the UPDATE pin after the 14th data bit is clocked in. Shift
register mode allows the user to configure multiple chips with zero
digital overhead, that is, there are no address bits nor padding
bits, and programs the chips in a serial daisy-chain connection as
shown in Figure 130. The length of this chain is only limited by the
delay through the chain, or the number of clock cycles required to
program all of the ADAR4002 chips.
Figure 126. Digital Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com