Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
Data Sheet
ADAR4002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 16 of 66
TIME DELAY SWEEP, TIME DELAY RANGE 1
Figure 15. Absolute Time Delay vs. Frequency over TDU Code 0 to TDU Code
127, Darkest Blue Is TDU = 0 and Lightest Blue is TDU = 127
Figure 16. Normalized Time Delay vs. Frequency over TDU Code 0 to TDU
Code 127, Darkest Blue Is TDU = 0 and Lightest Blue is TDU = 127
Figure 17. Normalized Time Delay vs. TDU Code over Frequencies 0.5 GHz,
2.0 GHz, 6.0 GHz, 10.0 GHz, 14.0 GHz, and 18.0 GHz
Figure 18. Gain vs. Frequency over TDU Code 0 to TDU Code 127, Darkest
Blue Is TDU = 0 and Lightest Blue is TDU = 127
Figure 19. RMS Gain Variation vs. Frequency, Computed over TDU Code 0 to
TDU Code 127 at DSA Code 0, DSA Code 8, DSA Code 16, and DSA Code 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com