Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Data Sheet
ADAR4002
SPECIFICATIONS
analog.com
Rev. A | 6 of 66
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Output Return Loss
RF2
Time Delay Range 0
500 MHz
−10.9
dB
2 GHz
−12.6
dB
10 GHz
−13.2
dB
18 GHz
−25.4
dB
Time Delay Range 1
500 MHz
−11.2
dB
2 GHz
−12.4
dB
10 GHz
−13.4
dB
18 GHz
−25.2
dB
Input Third-Order Intercept (IP3)
RF1
Time Delay Range 0
500 MHz
8.6
dBm
2 GHz
10.6
dBm
10 GHz
15.2
dBm
18 GHz
16.4
dBm
Time Delay Range 1
500 MHz
7.7
dBm
2 GHz
9.4
dBm
10 GHz
14.1
dBm
18 GHz
16.4
dBm
Input 1 dB Compression (P1dB)
RF1
Time Delay Range 0
500 MHz
0.05
dBm
2 GHz
1.7
dBm
10 GHz
5
dBm
18 GHz
6.4
dBm
Time Delay Range 1
500 MHz
−0.08
dBm
2 GHz
0.52
dBm
10 GHz
4.1
dBm
18 GHz
6.0
dBm
DSA Settling Time
From 90% of active edge to 10% of RF output,
500 MHz, from DSA Code 0 to DSA Code 63
≤10
ns
TDU Settling Time
From 90% of active edge to 90% of RF output,
500 MHz, from TDU Code 0 to TDU Code 127
≤20
ns
LOGIC INPUTS6
CSB/CLKO, CLK_IN, DATA_IO, MODE, and
UPDATE pins
Input Voltage
High, VIH
0.757
V
Maximum operating value8
1.2
V
Low, VIL
0.189
V
Minimum operating value 10
−0.5
V
High and Low Input Currents, IINH, IINL
0 V ≤ input voltage ≤ 1 V, 25°C
±1
µA
Input Capacitance, CIN
1
pF
LOGIC OUTPUTS11
DATA_IO, DATA_O, CSB/CLKO
Output Voltage
High, VOH
No load
V1P0
V
Output high current (IOH) = −5 mA
V1P0 − 0.25
V
Low, VOL
No load
0
V
Output low current (IOL) = 5 mA
0.27
V
POWER SUPPLIES
V1P2
1.1
1.2
1.3
V
V1P0
0.9
1.0
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com