Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
Data Sheet
ADAR4002
SPECIFICATIONS
analog.com
Rev. A | 8 of 66
TIMING SPECIFICATIONS
V1P2 = 1.2 V, V1P0 = 1.0 V, and TA = 25°C, unless otherwise noted. See Figure 3, Figure 4, Figure 5, and Figure 8 for the supporting timing
figures.
Table 2. SPI Timing
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Maximum Clock Rate (1/tCLK_IN)
100
MHz
Minimum Clock Period (tCLK_IN)
10
ns
Minimum Pulse Width High (tPWH)1
4
ns
Minimum Pulse Width Low (tPWL)1
4
ns
Minimum Setup Time, DATA_IO to CLK_IN (tDS)
2.5
ns
Minimum Hold Time, DATA_IO to CLK_IN (tDH)
1
ns
Data Valid, CLK_IN to DATA_O (tDV)
2
ns
Setup Time, CSB_CLKO to CLK_IN (tDCS)
5
ns
DATA_IO and DATA_O Rise Time (tR)
1
ns
Outputs loaded with 80 pF, 10% to 90%
Minimum Clock to Update (tCLK_IN-UPDATE)
10
ns
Minimum CSB_CLKO to Update (tCSB_CLKO-UPDATE)
10
ns
Minimum Update to Update (tUPDATE-UPDATE)
10
ns
Minimum Update Pulse width (tUPW)
5
ns
RF Settling Time (tRF_SETTLE)
20
ns
TDU settling time between TDU code = 0 to TDU code = 127
1 Clock Period = Pulse Width High + Pulse Width Low; however, Minimum Clock Period cannot equal Minimum Pulse Width High + Minimum Pulse Width Low, which allows
for the SPI signals that are not 50% duty cycle. The extreme example is if the pulse width high = 4 ns, then the pulse width low = 6 ns, or vice versa.
Table 3. Shift Register Mode Timing
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Maximum Clock Rate (1/tCLK_IN)
100
MHz
Minimum Clock Period (tCLK_IN)
10
ns
Minimum Pulse Width High (tPWH)1
4
ns
Minimum Pulse Width Low (tPWL)1
4
ns
Minimum Setup Time, DATA_IO to CLK_IN (tDS)
2.5
ns
Minimum Hold Time, DATA_IO to CLK_IN (tDH)
1
ns
Data Valid, CLK_IN to DATA_O (tDV)
2
ns
DATA_IO, DATA_O Rise Time (tR)
1
ns
Outputs loaded with 80 pF, 10% to 90%
Minimum Clock to Update (tCLK_IN-UPDATE)
10
ns
RF Settling Time (tRF_SETTLE)
20
ns
TDU settling time between TDU code = 0 to TDU code = 127
1 Clock Period = Pulse Width High + Pulse Width Low; however, Minimum Clock Period cannot equal Minimum Pulse Width High + Minimum Pulse Width Low, which allows
for the SPI signals that are not 50% duty cycle. The extreme example is if the pulse width high = 4 ns, then the pulse width low = 6 ns, or vice versa.
TIMING DIAGRAMS
Figure 2. SPI Register Timing (MSB First)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com