Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Data Sheet
ADAR4002
TERMINOLOGY
analog.com
Rev. A | 38 of 66
Attenuation
The quantity of attenuation set by the DSA, which is often abbrevi-
ated as ATTN or ATT.
Attenuator
The attenuator is the single DSA unit used in the ADAR4002.
Block Write
A block write is a SPI write to several consecutive registers,
wherein only the address of the first register is clocked in, with
all subsequent consecutive register addresses omitted from the SPI
transaction. See SPI Block Write Mode for more details. Block write
can be used with the StreamWrite registers to significantly reduce
clock cycles.
Data Load Command
The data load command is a command that transfers all TDU and
DSA data from the first rank registers to the second rank registers.
This command is initiated by any DATA_LOAD bit in the DSAxx
registers or in Register 0x98, or with the short control command
using the data load command bits, 0b110.
Digital Stepped Attenuator (DSA)
The DSA is used in the ADAR4002 to set the attenuation.
First Rank Registers
The first rank registers are a set of registers where the SPI data
is initially stored when clocked into the ADAR4002. A data load
command is needed to transfer the TDU and DSA data from the
first rank registers to the second rank registers.
Second Rank Registers
The second rank registers are the second set of registers that hold
the TDU and DSA data, which is applied directly to the TDU and
DSA blocks from these registers. A data load command is needed
to transfer the TDU and DSA data from the first rank registers to the
second rank registers.
Sequencer
The sequencer is a state machine that increments or decrements
the TDU and DSA state one position per update command. The
sequencer sources TDU and DSA data from the second rank
registers and is used in SPI mode only. There are two selectable
sequencers, Sequencer A and Sequencer B.
Sequencer A
Sequencer A is one of the two sequencers that the ADAR4002 fea-
tures. Sequencer A has its own dedicated start and stop sequence
values found in Register 0x10 (SEQUENCERA_START) and Regis-
ter 0x11 (SEQUENCERA_STOP), respectively. Sequencer A has
full access to the second rank register TDU and DSA data.
Sequencer B
Sequencer B is one of the two sequencers that the ADAR4002
features. Sequencer B has its own dedicated start and stop
TDU and DSA state sequence values found in Register 0x12 (SE-
QUENCERB_START) and Register 0x13 (SEQUENCERB_STOP),
respectively. Sequencer B has full access to the second rank
register TDU and DSA data.
Sequencer Direction
The sequencer direction is the ascension or descension through the
TDU and DSA register addresses that contain the time delay and
attenuation data.
Sequencer Reset Command
The sequencer reset command resets the indicated sequencer to
its start TDU and DSA state.
Shift Register Mode
The shift register mode is one of the two digital modes wherein the
TDU and DSA data is clocked into the first 14-bit shift register using
the CLK_IN and DATA_IO pins, and is then loaded into the second
14-bit shift register by a pulse on the UPDATE pin. Pull the MODE
pin logic high to put the ADAR4002 into shift register mode.
Short Control Command
A short control command is a 6-bit SPI write, initiated by a 0b11
in the first two bits clocked in, that can perform eight unique
actions including sequencer selection, sequencer reset, sequencer
direction, data load command, and an update command. More
information can be found in Figure 7 and Table 4.
SPI Mode
SPI mode is one of the two digital modes wherein the TDU and
DSA data, as well as all the control, is done by the SPI port. Pull the
MODE pin logic low to put the ADAR4002 into SPI mode.
StreamWrite
A StreamWrite is a SPI write to a register or registers between 0x60
and 0x97. These registers contain the same TDU and DSA data
found within Register 0x20 to Register 0x5F; however, the data
flows from one register to the next, which reduces the needed clock
cycles. A change to the TDU and DSA data in Register 0x60 to
Register 0x97 is automatically reflected in Register 0x20 to Register
0x5F, and vice versa, when the SPI transaction is complete, which
is not to be confused with the block write functionality, which
eliminates the need to clock in the address data after the first
register of consecutive register writes. StreamWrite can be used
with block write.
Time Delay
The time delay of the ADAR4002 is from RF1 to RF2, either
absolute or normalized. The time delay is varied by the TDU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com