Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
Data Sheet
ADAR4002
APPLICATIONS INFORMATION
analog.com
Rev. A | 45 of 66
BASIC CONNECTIONS
The ADAR4002 has two power supply domains: a 1.2 V supply
for the RF and analog circuitry and an 1.0 V supply for the digital
blocks. These power supply domains must be decoupled to ground
as shown in Figure 128.
There are only two RF pins: RF1 and RF2 (Pin 2 and Pin 9,
respectively). These pins are matched to 50 Ω and thus must be
connected to a transmission line with a characteristic impedance of
50 Ω. The RFx pins each have a pair of ground pins surrounding
them, which creates a ground-signal-ground type connection, mak-
ing it simple to interface with PCB transmission lines. RF1 and RF2
must be AC-coupled so that their internal bias is not disturbed.
The MODE pin controls the state of the digital mode of the partA-
DAR4002 as follows:
►
When MODE is pulled to ground, the ADAR4002 is in SPI mode.
►
When MODE is pulled to 1 V, the ADAR4002 is in shift register
mode.
The CLK_IN, CSB/CLKO, DATA_IO, and DATA_O constitute the
SPI or shift register pins. When in SPI mode, the functions of these
pins are as follows:
►
CLK_IN is the SPI clock input.
►
CSB/CLKO is the: SPI chip select input.
►
DATA_IO is the SPI data input only in a 4-wire SPI protocol, or
the SPI data input and output in a 3-wire SPI protocol.
►
DATA_O is the SPI data output in a 4-wire SPI protocol.
Note that the ADAR4002 has no device address pins, so to share
SPI lines and allow individual control, each ADAR4002 must have
its own dedicated CSB/CLKO line, CLK_IN line, or DATA_IO line,
to be individually addressed while in SPI mode (see Figure 129).
For the fastest, parallel data transfer, multiple ADAR4002 chips
can share CSB/CLKO and CLK_IN with different DATA_IO for each
chip.
When the ADAR4002 is in shift register mode, the functions of
these pins are as follows:
►
CLK_IN is the clock input.
►
CSB_CLKO is the clock output.
►
DATA_IO is the data input.
►
DATA_O is the data output.
The shift register allows the user to daisy-chain several ADAR4002
chips together. A single shift register write can contain all the DSA
and TDU data of the daisy-chained chips. This setup is shown in
Figure 131.
The UPDATE pin advances the sequencer to the next DSA and
TDU value if in SPI mode or loads the DSA and TDU data if in shift
register mode.
All digital pins can be driven to 1.2 V without any issues. For
additional information, see the Logic Voltages Greater Than 1.2 V
section.
Figure 128. Basic Connection in SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com