Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADAR4002ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Data Sheet
ADAR4002
SPECIFICATIONS
analog.com
Rev. A | 5 of 66
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RMS Time Delay Error4
Time Delay Range 0
500 MHz
TDU Sweep 0 to TDU Sweep 127
22.59
ps
2 GHz
TDU Sweep 0 to TDU Sweep 127
2.58
ps
10 GHz
TDU Sweep 0 to TDU Sweep 127
13.68
ps
18 GHz
TDU Sweep 0 to TDU Sweep 127
4.83
ps
Time Delay Range 1
500 MHz
TDU Sweep 0 to TDU Sweep 127
14.56
ps
2 GHz
TDU Sweep 0 to TDU Sweep 127
1.15
ps
10 GHz
TDU Sweep 0 to TDU Sweep 127
7.1
ps
18 GHz
TDU Sweep 0 to TDU Sweep 127
4.04
ps
RMS Time Delay Variation
Time Delay Range 0
500 MHz
DSA sweep, 0 dB to 15.5 dB
2.62
ps
DSA sweep, 0 dB to 31.5 dB
3.52
ps
2 GHz
DSA sweep, 0 dB to 15.5 dB
0.84
ps
DSA sweep, 0 dB to 31.5 dB
4.1
ps
10 GHz
DSA sweep, 0 dB to 15.5 dB
0.65
ps
DSA sweep, 0 dB to 31.5 dB
2.95
ps
18 GHz
DSA sweep, 0 dB to 15.5 dB
0.89
ps
DSA sweep, 0 dB to 31.5 dB
8.97
ps
Time Delay Range 1
500 MHz
DSA sweep, 0 dB to 15.5 dB
2.41
ps
DSA sweep, 0 dB to 31.5 dB
3.34
ps
2 GHz
DSA sweep, 0 dB to 15.5 dB
0.94
ps
DSA sweep, 0 dB to 31.5 dB
4.28
ps
10 GHz
DSA sweep, 0 dB to 15.5 dB
0.57
ps
DSA sweep, 0 dB to 31.5 dB
3.4
ps
18 GHz
DSA sweep, 0 dB to 15.5 dB
0.57
ps
DSA sweep, 0 dB to 31.5 dB
4.46
ps
Noise Figure5
Time Delay Range 0
500 MHz
11.4
dB
2 GHz
12.77
dB
10 GHz
21.2
dB
18 GHz
32
dB
Time Delay Range 1
500 MHz
9.1
dB
2 GHz
10.4
dB
10 GHz
16.6
dB
18 GHz
24.4
dB
Input Return Loss
RF1
Time Delay Range 0
500 MHz
−13.5
dB
2 GHz
−20.2
dB
10 GHz
−10.4
dB
18 GHz
−14.7
dB
Time Delay Range 1
500 MHz
−13.3
dB
2 GHz
−20.7
dB
10 GHz
−10.1
dB
18 GHz
−14.1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com