Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
Data Sheet
ADAR4002
REGISTER MAP
analog.com
Rev. A | 63 of 66
Table 14. ADAR4002 Register Summary (Continued)
Addr
Name
Bits Bit Name
Description
Reset Access
0xBB
SECONDRANKRB_DSA13
[7:2] SECONDRANKRB_DSA13
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xBC
SECONDRANKRB_TD14
7
SR_TDRANGE14
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY14
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xBD
SECONDRANKRB_DSA14
[7:2] SECONDRANKRB_DSA14
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xBE
SECONDRANKRB_TD15
7
SR_TDRANGE15
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY15
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xBF
SECONDRANKRB_DSA15
[7:2] SECONDRANKRB_DSA15
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xC0
SECONDRANKRB_TD16
7
SR_TDRANGE16
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY16
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xC1
SECONDRANKRB_DSA16
[7:2] SECONDRANKRB_DSA16
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xC2
SECONDRANKRB_TD17
7
SR_TDRANGE17
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY17
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xC3
SECONDRANKRB_DSA17
[7:2] SECONDRANKRB_DSA17
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xC4
SECONDRANKRB_TD18
7
SR_TDRANGE18
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY18
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xC5
SECONDRANKRB_DSA18
[7:2] SECONDRANKRB_DSA18
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xC6
SECONDRANKRB_TD19
7
SR_TDRANGE19
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY19
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xC7
SECONDRANKRB_DSA19
[7:2] SECONDRANKRB_DSA19
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xC8
SECONDRANKRB_TD20
7
SR_TDRANGE20
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY20
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xC9
SECONDRANKRB_DSA20
[7:2] SECONDRANKRB_DSA20
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com