Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
Data Sheet
ADAR4002
REGISTER MAP
analog.com
Rev. A | 58 of 66
Table 14. ADAR4002 Register Summary (Continued)
Addr
Name
Bits Bit Name
Description
Reset Access
0x78
STREAMWRITE18
[7:4] FIRSTRANK_DSA13, Bits[3:0]
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0xF
R/W
3
FR_TDRANGE14
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R/W
[2:0] FIRSTRANK_TIMEDELAY14, Bits[6:4] 7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
0x79
STREAMWRITE19
[7:4] FIRSTRANK_TIMEDELAY14, Bits[3:0] 7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
[3:0] FIRSTRANK_DSA14, Bits[5:2]
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0xF
R/W
0x7A
STREAMWRITE1A
[7:6] FIRSTRANK_DSA14, Bits[1:0]
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3
R/W
5
FR_TDRANGE15
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R/W
[4:0] FIRSTRANK_TIMEDELAY15, Bits[6:2] 7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
0x7B
STREAMWRITE1B
[7:6] FIRSTRANK_TIMEDELAY15, Bits[1:0] 7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
[5:0] FIRSTRANK_DSA15
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R/W
0x7C
STREAMWRITE1C
7
FR_TDRANGE16
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R/W
[6:0] FIRSTRANK_TIMEDELAY16
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
0x7D
STREAMWRITE1D
[7:2] FIRSTRANK_DSA16
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R/W
1
FR_TDRANGE17
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R/W
0
FIRSTRANK_TIMEDELAY17, Bit 6
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
0x7E
STREAMWRITE1E
[7:2] FIRSTRANK_TIMEDELAY17, Bits[5:0] 7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
[1:0] FIRSTRANK_DSA17, Bits[5:4]
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3
R/W
0x7F
STREAMWRITE1F
[7:4] FIRSTRANK_DSA17, Bits[3:0]
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0xF
R/W
3
FR_TDRANGE18
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R/W
[2:0] FIRSTRANK_TIMEDELAY18, Bits[6:4] 7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
0x80
STREAMWRITE20
[7:4] FIRSTRANK_TIMEDELAY18, Bits[3:0] 7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
[3:0] FIRSTRANK_DSA18, Bits[5:2]
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0xF
R/W
0x81
STREAMWRITE21
[7:6] FIRSTRANK_DSA18, Bits[1:0]
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3
R/W
5
FR_TDRANGE19
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R/W
[4:0] FIRSTRANK_TIMEDELAY19, Bits[6:2] 7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W
0x82
STREAMWRITE22
[7:6] FIRSTRANK_TIMEDELAY19, Bits[1:0] 7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com