Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Data Sheet
ADAR4002
SPECIFICATIONS
analog.com
Rev. A | 10 of 66
SPI BLOCK WRITE MODE
Data can be written to and read from the SPI registers in block write or read modes, where the register address automatically increments (given
Bit 5 and Bit 2 are asserted high in Register 0x00). Data for consecutive registers can be written or read without sending new address bits.
During the transaction, the rising edge of CLK_IN during the final bit (D0) of the register triggers the data to load into the register. Data writing or
reading can be continued indefinitely until CSB/CLKO is raised again, ending the write or read process.
Figure 6. Timing Diagram for SPI Block Write Mode
SHORT CONTROL COMMAND
The short control command is a quick and efficient 6-bit SPI transaction used for eight different commands. The first two bits clocked in must
be 0b11 to initiate a short control command. Each command is given with a 3-bit command code within the SPI transaction. After the 3-bit
command code, a final don't care bit must be clocked in. Table 4 outline the various commands and their unique command code bits. The same
commands are available via the normal 24-bit SPI transaction; however, these shorter versions allow much faster operation. The active edge of
a short control command is the CSB/CLKO rising edge, which completes the command. Timing is shown in Figure 7, wherein the don't care bit
is shown as a zero.
Figure 7. Short Control Command
Table 4. Short Control Commands
Short Control Command
Control Command Bits [CC2:CC0]
Description
Switch to Sequencer B
0 0 0
Sources the TDU/DSA data from Sequencer B. In addition, sets Bit 0 = 1 in Register 0x16.
Switch to Sequencer A
0 0 1
Sources the TDU/DSA data from Sequencer A. In addition, sets Bit 0 = 0 in Register 0x16.
Reset Sequencer A
0 1 0
Resets Sequencer A to its start position. In addition, sets Bit 3 in Register 0x15.
Reset Sequencer B
0 1 1
Resets Sequencer B to its start position. In addition, sets Bit 0 in Register 0x15.
Toggle Sequencer A Direction
1 0 0
Changes Sequencer A ascending/descending direction. In addition, sets Bit 3 in Register 0x14.
Toggle Sequencer B Direction
1 0 1
Changes Sequencer B ascending/descending direction. In addition, sets Bit 0 in Register 0x14.
Data Load Command
1 1 0
Loads all 32 TDU and DSA state data from the first rank registers to the second rank registers.
Update Command
1 1 1
Advances sequencer while in SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com