Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Data Sheet
ADAR4002
THEORY OF OPERATION
analog.com
Rev. A | 42 of 66
SPI TRANSACTION PROTOCOLS
The ADAR4002 in SPI mode provides three different possible SPI
transaction protocols, which include the following:
►
Standard Analog Devices, Inc., 24-bit SPI write and read proto-
cols
►
SPI block write and read mode
►
Short control command
These first two protocols follow the Analog Devices standard 16-bit
address header followed by an 8-bit data-word, or several consecu-
tive 8-bit data-words for the SPI block write and read mode. These
two protocols are used for all writes to the registers. Note that
for 4-wire SPI readback on the DATA_O pin, DATA_O must be
enabled by setting Bits[4:3] high in Register 0x00. Otherwise, the
ADAR4002 is in 3-wire SPI mode with Bits[4:3] low in Register
0x00. By default upon power-up, the ADAR4002 is in 4-wire SPI
mode. Timing diagrams for the Analog Devices SPI mode are
shown in Figure 2 through Figure 6. The register map is shown in
Table 14.
Short control commands are initiated by unique values set on
the first two bits that are clocked in on the SPI and make the
transaction length 6 bits. If the first two data bits are 0b11 and
the SPI transaction is 6 bits in length, this command is recognized
as a short control command. Following the leading 0b11 bits, the
decoding structure of the short control command is shown in Table
4.
SPI MODE
In SPI mode, registers provide storage of up to 32 TDU and DSA
states. There are two sequencer state machines (Sequencer A and
Sequencer B) that allow the user to sequentially step through the
32 states. The sequencers are independent of each other, each
having separate start and stop values, as well as a sequence
direction. The user can switch between the sequencers, change
direction on either sequencer, or reset either sequencer to its start
value at any time using a SPI write or short control command.
Two ranks of registers store the TDU and DSA data. The sequenc-
ers source their data from the second rank registers, which allows
the data in the first rank registers to be completely rewritten while
simultaneously sequencing through the second rank register data.
This dual-rank, two sequencer setup is flexible and ideal for situa-
tions with a set of transmit TDU and DSA values and a set of
receive TDU and DSA values, as well as for situations in which
the user wants to write a future set of TDU and DSA values while
simultaneously sequencing through a previously written set.
Figure 127. Sequencer State Machine Block Diagram
DATA LOAD
All the TDU and DSA data (the 32 TDU and DSA states) from
the first rank registers are loaded to the second rank registers
by asserting any DATA_LOAD bit in each DSA register (Bit 0)
or in Register 0x98, or by using the short control command. The
DATA_LOAD bit automatically clears on the next CLK_IN edge
after being set in any of the DSA registers, Register 0x98, or if
accomplished with a short control command.
The active edge for the DATA_LOAD command is the next rising
edge of CLK_IN following the assertion of the DATA_LOAD bit.
If a DATA_LOAD command is to be immediately followed by an
update using the UPDATE pin, an extra clock cycle must be added
after the DATA_LOAD bit is asserted, to ensure the DATA_LOAD
command has taken effect before the update rising edge. The extra
clock cycle can be while the CSB/CLKO is low or high. If the next
command is any SPI transaction, no extra SPI clock is necessary.
UPDATE
While in SPI mode, to apply TDU and DSA data from the second
rank registers to the actual TDU and DSA blocks, an update
command is required, which applies whether the user is initially
loading the TDU and DSA state that corresponds to the sequencer
start value or advancing the sequencer to its next TDU and DSA
state.
An update command is accomplished by asserting the UPDATE bit
in Register 0x99, using the update short control command or by a
rising edge (low-to-high) on the UPDATE pin.
The active edge that triggers the loading of the TDU and DSA state
from the second rank registers to the TDU and DSA blocks varies.
If issuing an update command with a regular SPI write, the active
edge is the eighth CLK_IN rising edge on the eighth data bit. The
active edge on an update short control command is the CSB/CLKO
rising edge, which completes the command. The active edge on the
UPDATE pin is any rising edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com