Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
Data Sheet
ADAR4002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 31 of 66
NOISE FIGURE
Figure 94. Noise Figure vs. Frequency over DSA Code 0, DSA Code 8, DSA
Code 16, and DSA Code 31, Time Delay Range 0
Figure 95. Noise Figure vs. Frequency over TDU Code 0, TDU Code 32, TDU
Code 64, TDU Code 96, and TDU Code 127, Time Delay Range 0
Figure 96. Noise Figure vs. Frequency over Temperature and Time Delay
Range
Figure 97. Noise Figure vs. Frequency over DSA Code 0, DSA Code 8, DSA
Code 16, and DSA Code 31, Time Delay Range 1
Figure 98. Noise Figure vs. Frequency over TDU Code 0, TDU Code 32, TDU
Code 64, TDU Code 96, and TDU Code 127, Time Delay Range 1
Figure 99. Noise Figure vs. V1P2 Supply Voltage over Frequency and Time
Delay Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com