Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 66Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Data Sheet
ADAR4002
REGISTER MAP
analog.com
Rev. A | 64 of 66
Table 14. ADAR4002 Register Summary (Continued)
Addr
Name
Bits Bit Name
Description
Reset Access
[1:0] RESERVED
Reserved.
0x0
R
0xCA
SECONDRANKRB_TD21
7
SR_TDRANGE21
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY21
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xCB
SECONDRANKRB_DSA21
[7:2] SECONDRANKRB_DSA21
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xCC
SECONDRANKRB_TD22
7
SR_TDRANGE22
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY22
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xCD
SECONDRANKRB_DSA22
[7:2] SECONDRANKRB_DSA22
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xCE
SECONDRANKRB_TD23
7
SR_TDRANGE23
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY23
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xCF
SECONDRANKRB_DSA23
[7:2] SECONDRANKRB_DSA23
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xD0
SECONDRANKRB_TD24
7
SR_TDRANGE24
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY24
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xD1
SECONDRANKRB_DSA24
[7:2] SECONDRANKRB_DSA24
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xD2
SECONDRANKRB_TD025
7
SR_TDRANGE25
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY25
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xD3
SECONDRANKRB_DSA25
[7:2] SECONDRANKRB_DSA25
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xD4
SECONDRANKRB_TD26
7
SR_TDRANGE26
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY26
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xD5
SECONDRANKRB_DSA26
[7:2] SECONDRANKRB_DSA26
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R
0xD6
SECONDRANKRB_TD27
7
SR_TDRANGE27
Time Delay Range. 0 = Range 0, 508 ps, and 1 = Range 1,
254 ps.
0x0
R
[6:0] SECONDRANKRB_TIMEDELAY27
7-Bit Time Delay Control. Default = 0x00, minimum time
delay.
0x0
R
0xD7
SECONDRANKRB_DSA27
[7:2] SECONDRANKRB_DSA27
6-Bit Attenuation Control. Default = 0x3F, maximum
attenuation.
0x3F
R
[1:0] RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com