Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADAR4002ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Data Sheet
ADAR4002
0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog Devices
for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change
without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered
trademarks are the property of their respective owners. All Analog Devices products contained herein are subject to release and availability.
FEATURES
►
0.5 GHz to 19 GHz frequency range
►
Programmable 7-bit time delay
►
Programmable time delay range (typical)
►
Range 0: 0 ps to 508 ps with 4 ps standard resolution
►
Range 1: 0 ps to 254 ps with 2 ps high resolution
►
Programmable 6-bit attenuation
►
31.5 dB adjustment range
►
0.5 dB resolution
►
Performance at 10 GHz for minimum time delay and attenuation
►
Insertion loss
►
Time Delay Range 0: −20.5 dB
►
Time Delay Range 1: −16.2 dB
►
Input IP3
►
Time Delay Range 0: 15.2 dBm
►
Time Delay Range 1: 14.1 dBm
►
Input P1dB
►
Time Delay Range 0: 5 dBm
►
Time Delay Range 1: 4.1 dBm
►
Noise figure
►
Time Delay Range 0: 21.2 dB
►
Time Delay Range 1: 16.6 dB
►
Fully programmable via a 3-wire or 4-wire SPI
►
14-bit shift register for daisy chaining and quick data load
►
Power consumption: 1 mW with 1.2 V and 1.0 V dual supplies
►
14-lead, 3 mm × 2 mm, LFCSP
APPLICATIONS
►
Electronic steerable antenna arrays
►
Multifunction arrays
►
Satellite communications (SATCOM)
►
Radar
►
Data links
►
Test equipment
FUNCTIONAL BLOCK DIAGRAM
Figure 1. ADAR4002 Block Diagram
GENERAL DESCRIPTION
The ADAR4002 is a low power broadband, bidirectional, single-
channel, true time delay unit (TDU) and a digital step attenuator
(DSA). The IC has 18.5 GHz of bandwidth over a frequency range
of 0.5 GHz to 19 GHz with 50 Ω input impedance at both RF ports.
The TDU has two programmable maximum time delays, each with
7-bit control. Range 0 has a maximum delay of 508 ps with a
resolution of 4 ps (typical). This range is used at lower frequencies
where the ADAR4002 has less insertion loss and where more time
delay is required for full 360° phase coverage. Range 1 has a
maximum delay of 254 ps and a resolution of 2 ps (typical). This
range has less insertion loss compared to Range 0 and is useful at
higher frequencies where the ADAR4002 has higher insertion loss,
and where less time delay and smaller resolution are required. The
DSA has 6-bit resolution with an attenuation range of 0 dB to 31.5
dB and a step size of 0.5 dB.
The ADAR4002 is designed to provide flexible digital control
through either a serial port interface (SPI) or a shift register to allow
daisy chaining multiple chips together. The ADAR4002 contains
register memory for 32 TDU and DSA states. The memory com-
bined with on-chip sequencers, allows a fast bidirectional memory
advance via the UPDATE pin.
The ADAR4002 is available in a 14-lead, 2 mm x 3 mm, LFCSP
and is specified from −40°C to +85°C.


Similar Part No. - ADAR4002ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAR4002 AD-ADAR4002 Datasheet
2Mb / 21P
Evaluating the ADAR4002 0.5GHz to 19GHz, 1-Channel, Bidirectional True Time Delay Unit
Rev. 0
ADAR4002-EVALZ AD-ADAR4002-EVALZ Datasheet
2Mb / 21P
Evaluating the ADAR4002 0.5GHz to 19GHz, 1-Channel, Bidirectional True Time Delay Unit
Rev. 0
More results

Similar Description - ADAR4002ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC910LC4B HITTITE-HMC910LC4B Datasheet
737Kb / 10P
BROADBAND ANALOG TIME DELAY, DC - 24 GHz
logo
Micronetics, Inc.
EL0051 MICRONETICS-EL0051 Datasheet
187Kb / 2P
High Power Limiters 0.5 GHz to 2 GHz
ES0313-5 MICRONETICS-ES0313-5 Datasheet
159Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
ES0313-10 MICRONETICS-ES0313-10 Datasheet
159Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
ES0313-20 MICRONETICS-ES0313-20 Datasheet
159Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
ES0313-50 MICRONETICS-ES0313-50 Datasheet
160Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
logo
Transcom, Inc.
TA005-025-14-19 TRANSCOM-TA005-025-14-19 Datasheet
39Kb / 1P
0.5 - 2.5 GHz 19 dBm Amplifier
logo
TriQuint Semiconductor
TGC4703-FC TRIQUINT-TGC4703-FC_15 Datasheet
340Kb / 11P
19 to 38 GHz Doubler
logo
Analog Devices
HMC1055 AD-HMC1055 Datasheet
289Kb / 10P
0.5 GHz to 4.0 GHz, GaAs, SPST Switch
REV. A
HMC911 AD-HMC911 Datasheet
1Mb / 13P
Broadband Analog Time Delay to 24 GHz
10/2016-Rev. v02.0614 to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com