Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
Data Sheet
ADAR4002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 14 of 66
V1P2 = 1.2 V, V1P0 = 1.0 V, TA = 25°C, frequency = 10 GHz, TDU code = 0, and DSA code = 0, unless otherwise specified. IP2 tone spacing
= 1 GHz, and IP3 tone spacing = 10 MHz. Low-side tone reported for IP2. Port 1 = RF1 and Port 2 = RF2. Gain is S21 and reverse gain is S12.
Error plots reference an ideal line. Variation plots are self referenced and are a measure of change from the self reference.
TIME DELAY SWEEP, TIME DELAY RANGE 0
Figure 10. Absolute Time Delay vs. Frequency over TDU Code 0 to TDU Code
127, Darkest Blue Is TDU = 0 and Lightest Blue is TDU = 127
Figure 11. Normalized Time Delay vs. Frequency over TDU Code 0 to TDU
Code 127, Darkest Blue Is TDU = 0 and Lightest Blue is TDU = 127
Figure 12. Normalized Time Delay vs. TDU Code over Frequencies 0.5 GHz,
2.0 GHz, 6.0 GHz, 10.0 GHz, 14.0 GHz, and 18.0 GHz
Figure 13. Gain vs. Frequency over TDU Code 0 to TDU Code 127, Darkest
Blue Is TDU = 0 and Lightest Blue is TDU = 127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com