Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
Data Sheet
ADAR4002
TERMINOLOGY
analog.com
Rev. A | 39 of 66
Time Delay Range
The time delay range is the total available time delay of the TDU.
The time delay is user programmable to either 508 ps or 254 ps via
Bit 7 of each TDxx register.
Time Delay Unit (TDU)
The TDU is used in the ADAR4002 to set the time delay.
TDU and DSA
The TDU and DSA are the variable time delay and attenuation
block that includes one DSA and one TDU.
Update Command
The update command is a command that advances the selected
sequencer while in SPI mode.
Variable Amplitude and Phase (VAP) Block
The VAP block is a block that contains a programmable TDU and
DSA.
VAP Vector
The VAP vector is the 14 bits of combined data that make up a
single TDU and DSA state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com