Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
Data Sheet
ADAR4002
APPLICATIONS INFORMATION
analog.com
Rev. A | 46 of 66
DEVICE SETUP
Basic SPI Setup with Single DSA and TDU
Register
To set the ADAR4002 up in SPI mode and use both sequencers,
first ensure that the MODE pin is pulled to ground. Then, perform
the following writes in Table 11. To change DSA and TDU data write
new data into Register 0x20 and Register 0x21, followed by a data
load and update. This setup is useful when first learning the device
and/or for debugging.
Table 11. SPI Setup for Single Register
Address
Data
Notes
0x00
0xBD
Soft reset, MSB first, DATA_O enabled
0x00
0x18
SDO active (for 4-wire SPI)
0x10
0x00
Sequencer A start at 0
0x11
0x00
Sequencer A stop at 0
0x14
0x11
Sequencer A and Sequencer B direction
ascending
0x16
0x00
Sequencer A selection (data = 0x01 for
Sequencer B selection)
0x20
0x00
Minimum time delay for TD00, Time Delay
Range 0
0x21
0x00
Minimum attenuation for DSA00
0x98
0x01
Load data from the first rank to second rank
registers
0x99
0x01
Update, applies data to DSA and TDU blocks
SPI Setup and Example Use of Sequencers
To set the ADAR4002 up in SPI mode and use both sequencers,
first ensure that the MODE pin is pulled to ground. Then, perform
the following writes in Table 12.
Table 12. SPI Setup and Example Use of Sequencers
Address
Data
Notes
0x00
0xBD
Soft reset, MSB first, DATA_O enabled
0x00
0x18
SDO active (for 4-wire SPI)
0x10
0x00
Sequencer A start at 0
0x11
0xF
Sequencer A stop at 15
0x12
0x01
Sequencer B start at 16
0x13
0x1F
Sequencer B stop at 31
0x14
0x11
Sequencer A and Sequencer B direction
ascending
0x16
0x00
Select Sequencer A
0x20 to 0x5F
0xXX
Write desired data to all 32 TDU and DSA
states
0x98
0x01
Load data from the first rank to second rank
registers
0x99
0x01
Update, applies TD00 and DSA00 data to
the DSA and TDU blocks
0x99
0x01
Update, applies TD01 and DSA01 data to
the DSA and TDU blocks
Table 12. SPI Setup and Example Use of Sequencers (Continued)
Address
Data
Notes
0x99
0x01
Update, applies TD02 and DSA02 data to
the DSA and TDU blocks
0x16
0x01
Select Sequencer B
0x99
0x01
Update, applies TD016 and DSA16 data to
the DSA and TDU blocks
0x99
0x01
Update, applies TD017 and DSA17 data to
the DSA and TDU blocks
0x99
0x01
Update, applies TD018 and DSA18 data to
the DSA and TDU blocks
0x15
0x11
Reset both sequencers
0x16
0x00
Select Sequencer A
0x99
0x01
Update, applies TD00 and DSA00 data to
the DSA and TDU blocks
Shift Register Setup
To set the ADAR4002 to shift register mode, first pull the MODE
pin to logic high. Then, use the CLK_IN and DATA_IO pins for the
clock and data input, respectively. Clock the desired 14-bit TDU and
DSA data sequence as shown in Figure 8, followed by a pulse on
the UPDATE pin to load the data from the first shift register to the
second shift register, and apply the data to the TDU and DSA.
DIGITAL INTERFACE FOR MULTIPLE CHIP
OPERATION
SPI Mode Block Diagram
Figure 129 shows the SPI mode block diagram.
Figure 129. Multiple Chip Configuration in SPI Mode (Mode Pin = Logic Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com