Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Data Sheet
ADAR4002
REGISTER MAP
analog.com
Rev. A | 49 of 66
Table 14. ADAR4002 Register Summary
Addr
Name
Bits Bit Name
Description
Reset Access
0x00
ADI_SPI_CONFIG_A
7
SOFTRESET_
Soft Reset. Broadcast to all chips on the SPI bus.
0x0
R/W
6
LSB_FIRST_
LSB First.
0x0
R/W
5
ENDIAN_
Endian. Clear = descend and set = ascend.
0x1
R/W
4
SDOACTIVE_
SDO Active
0x1
R/W
3
SDOACTIVE
SDO Active
0x1
R/W
2
ENDIAN
Address Ascension on Block Writes. Clear = descend and
set = ascend.
0x1
R/W
1
LSB_FIRST
LSB First.
0x0
R/W
0
SOFTRESET
Soft Reset. Broadcast to all chips on the SPI bus.
0x0
R/W
0x01
ADI_SPI_CONFIG_B
7
SINGLE_INSTRUCTION
Single Instruction.
0x0
R/W
6
CSB_STALL
CSB Stall.
0x0
R/W
5
CONTROLLER_TARGET_RB
Controller and Target RB.
0x0
R/W
4
SLOW_INTERFACE
Slow Interface Control.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
2
SOFTRESET2
Soft Reset 2.
0x0
R/W
1
SOFTRESET1
Soft Reset 1.
0x0
R/W
0
RESERVED
Reserved
0x0
R
0x03
CHIPTYPE
[7:0] CHIPTYPE
Chip Type, Read Only.
0x1
R
0x04
PRODUCT_ID_L
[7:0] PRODUCT_ID_L
Product_ID_L, Lower Eight Bits.
0x3
R
0x05
PRODUCT_ID_H
[7:0] PRODUCT_ID_H
Product_ID_H, Higher Eight Bits.
0x0
R
0x06
CHIP_GRADE
[7:4] BEOL
BEOL Version.
0x0
R
[3:0] FEOL
FEOL Version.
0x0
R
0x08
ADDRESS_PAGE
[7:4] RESERVED
Reserved.
0x0
R
[3:0] ADDR_PAGE
Not applicable.
0x0
R/W
0x0A
SCRATCHPAD
[7:0] SCRATCHPAD
Scratch Pad.
0x0
R/W
0x0B
SPI_REV
[7:4] RESERVED
Reserved.
0x0
R
[3:0] SPI_REV
SPI Register Map Revision.
0x1
R
0x0C
VENDOR_ID_L
[7:0] VENDOR_ID_L
Vendor ID Low Byte. Read only, value = 0x56.
0x56
R
0x0D
VENDOR_ID_H
[7:0] VENDOR_ID_H
Vendor ID High Byte. Read only, value = 0x04.
0x4
R
0x10
SEQUENCERA_START
[7:5] RESERVED
Reserved.
0x0
R
[4:0] SEQUENCERA_START
Start Value of Sequencer A.
0x0
R/W
0x11
SEQUENCERA_STOP
[7:5] RESERVED
Reserved.
0x0
R
[4:0] SEQUENCERA_STOP
Stop Value of Sequencer A.
0x1F
R/W
0x12
SEQUENCERB_START
[7:5] RESERVED
Reserved.
0x0
R
[4:0] SEQUENCERB_START
Start Value of Sequencer B.
0x0
R/W
0x13
SEQUENCERB_STOP
[7:5] RESERVED
Reserved.
0x0
R
[4:0] SEQUENCERB_STOP
Stop Value of Sequencer B.
0x1F
R/W
0x14
SEQUENCER_DIRECTIONS
[7:5] RESERVED
Reserved.
0x0
R
4
SEQUENCERA_DIRECTION
Direction of Sequencer A. 1 = ascend, and 0 = descend.
0x1
R/W
[3:1] RESERVED
Reserved.
0x0
R
0
SEQUENCERB_DIRECTION
Direction of Sequencer B. 1 = ascend, and 0 = descend.
0x1
R/W
0x15
SEQUENCER_RESET
[7:5] RESERVED
Reserved.
0x0
R
4
SEQUENCERA_RESET
Reset Sequencer A to SEQUENCERA_START.
0x0
R/W
[3:1] RESERVED
Reserved.
0x0
R
0
SEQUENCERB_RESET
Reset Sequencer B to SEQUENCERB_START.
0x0
R/W
0x16
SEQUENCERA_B
[7:1] RESERVED
Reserved.
0x0
R
0
SEQUENCERA_B
Sequencer A = 0, and Sequencer B = 1.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com