Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Data Sheet
ADAR4002
THEORY OF OPERATION
analog.com
Rev. A | 43 of 66
The UPDATE bit auto clears on the next CLK_IN edge after being
set, whether in Register 0x99 or via the short control command.
SHIFT REGISTER MODE
In shift register mode, two sets of 14 serially connected, storage
flip-flops allows writing bits during RF activity, without upsetting the
current data applied to the TDU and DSA blocks. A rising edge on
the UPDATE pin loads the bits from the first shift register flip-flops
to the second set, which holds and applies the data to the DSA and
TDU blocks.
This mode offers zero overhead bits for addresses and a minimum
of 14 bits per chip for time delay and attenuation control, but without
any sequencer capability or stored TDU and DSA values (other
than in the two sets of flip-flops). Readback can be done via the
DATA_O pin, which is connected to the output of the 14TH flip-flop
of the first shift register.
The output of one ADAR4002 (CSB_CLKO and DATA_O) can drive
another ADAR4002 (CLK_IN and DATA_IO) directly. Note that,
there is a minimal 2 ns propagation delay between CLK_IN and the
CSB_CLKO and DATA_O outputs. The required number of clock
cycles to set the TDU and DSA data for an individual ADAR4002 is
14 clocks, which is as follows:
►
1 bit for the time delay range
►
7 bits for the time delay
►
6 bits for the DSA attenuation
The total number of clock cycles for N ADAR4002 chips is N x 14
clock cycles. A two chip example is shown in Figure 8. The length
of the chain is only set by the accumulated delay through the chain
or acceptable write length for each write. For simultaneous data
loading, a single update signal to all chips is recommended, with
appropriate delay-matched buffering of the signal as required to
each chip.
See Figure 131 for an example connection schematic in shift
register mode.
SPI REGISTERS
All configuration registers are detailed in the register summary
(see Table 14). These configuration registers include the standard
Analog Devices SPI setup registers, sequencer setup and readback
registers, start and stop pointers for the sequencer state machines,
and the 32 TDU and DSA states for the sequencers. Table 10
outlines the addresses of each register section.
Table 10. Configuration Register Outline
Register Section
Start Address
Stop Address
Analog Devices SPI Setup
0x00
0x0F
Sequencer Configuration
0x10
0x18
TDU and DSA Data
0x20
0x5F
StreamWrite TDU and DSA Data
0x60
0x97
Global DATA_LOAD and UPDATE
0x98
0x99
Table 10. Configuration Register Outline (Continued)
Register Section
Start Address
Stop Address
Second Rank Readback
0xA0
0xDF
TDU and DSA Readback
0xF0
0xF1
The following sections outline some commonly used registers.
Register 0x00: SPI Configuration
The SPI configuration register contains soft-reset functionality (sets
all register values to their default), setup for LSB first bit orientation,
address ascension and descension, and activation of the DATA_O
pin, as follows:
►
Soft reset: Bit 7 and Bit 0
►
LSB first: Bit 6 and Bit 1
►
Address ascension and descension: Bit 5 and Bit 2
►
DATA_O enable and disable: Bit 4 and Bit 3
By default at power-up or on a soft reset, this register is set to
0x3C, which sets the address ascension and enables the DATA_O
pin.
Register 0x20 Through Register 0x5F: Time
Delay and Attenuation
The time delay control bits are a 7-bit data-word along with a time
delay range selection bit. The time delay range is controlled with Bit
7 set to 0 for standard resolution and a 508 ps maximum time delay
and Bit 7 set to 1 for high resolution and a 254 ps maximum time
delay.
The decoding of the time delay bits (FIRSTRANK_TIMEDELAYxx,
Bits[6:0]) on each time delay register (Register TDxx) is the follow-
ing:
►
Minimum time delay: 0x00
►
Maximum time delay: 0x7F
The attenuator bits (FIRSTRANK_DSAxx, Bits[7:2]) are a 6-bit word
that provides 0.5 dB resolution with 31 dB of attenuation range.
The decoding of the attenuator bits (FIRSTRANK_DSAxx, Bits[7:2])
on each DSA register (Register DSAxx) is the following:
►
Minimum attenuation: 0x00
►
Maximum attenuation: 0x3F
Register 0x60 Through 0x97: Streamwrite Time
Delay and Attenuation
The ADAR4002 allows a streamwrite of the time delay range selec-
tion bit, the 7-bit time delay value, and the 6-bit DSA attenuation
value, with no extra zero padding bits. This streamwrite functionality
is found in Register 0x60 through Register 0x97. If writing to many
TDU and DSA values at once in SPI block write format and using
the streamwrite registers, repeated address bits as well as excess



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com