Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAR4002ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADAR4002ACPZ-R7
Description  0.5 GHz to 19 GHz, 1-Channel, Bidirectional True Time Delay Unit
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR4002ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADAR4002ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADAR4002ACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Data Sheet
ADAR4002
APPLICATIONS INFORMATION
analog.com
Rev. A | 47 of 66
Shift Register Mode Digital Interface Block
Diagrams
Figure 130 and Figure 131 show the shift register mode digital
interface block diagrams.
Figure 130. Multiple Chip Configuration in Shift Register Mode
Figure 131. Shift Register Mode with Parallel Chips
POWER MANAGEMENT RECOMMENDATIONS
The ADAR4002 has two voltage supplies, a 1.2 V supply and
a 1.0 V supply, and each supply has different maximum current
requirements. To supply both voltages to several ADAR4002 chips,
follow the power-management recommendations detailed in this
section and shown in Table 13 and Figure 132.
Note that a 12 V supply is assumed available in the application, and
this supply is used as the input voltage to both the LT3045 and the
LTM8074, or the MAXM17631.
For the 1.0 V and 1.2 V supply, the voltage steps down from
12 V to 1.9 V for best performance with the LTM8074 (or
MAXM17631). The stepped-down 1.9 V output from the LTM8074
(or MAXM17631) drives the input voltage of the LT3045, which
performs the final voltage step-down to 1.0 V and 1.2 V. The
LT3045 output can drive the 1.0 V and 1.2 V supply of to 1024
ADAR4002 devices at typical. The typical expected 1.2 V current
and 1.0 V current are 0.3 mA and 0.4 mA respectively.
Because of the low-current consumption per the ADAR4002, the I
x R voltage drop across the power distribution network on the PCB
is small. Therefore, a single LDO regulator is able to power at least
100 devices to 200 devices, depending on the design of the power
distribution network.
In general, a switcher and LDO regulator combination configuration
is recommended where the total current is more than 100 mA for
power efficiency reasons. Where the total current is less than 50
mA, using an LDO regulator with a switcher is not power efficient.
If the total current is between 50 mA and 100 mA, other factors like
heat dissipation, cost, and size must be considered along with the
power efficiency.
Table 13. Power Management Recommendations
ADAR4002 Chips
Total 1.2 V Current,
I1.2V (mA)
LDO
Switcher
64
19
LT3045
Not applicable
256
77
LT3045
LTM8074 or
MAXM17631
1024
307
LT3045
LTM8074 or
MAXM17631
Figure 132. Recommended Power Management of up to 1024 ADAR4002
Devices at Typical Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com