Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 33 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 33 Page - Analog Devices

Back Button LT3045 Datasheet HTML 29Page - Analog Devices LT3045 Datasheet HTML 30Page - Analog Devices LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 33 of 45
Larger case sizes are also beneficial for improved AC voltage characteristics. Capacitor values are often rated at 1VRMS
of AC voltage, and can drop significantly when operating near 0VRMS, which is the operating condition of a bypass
capacitor.
As shown in Figure 58, larger case sizes tend to experience a smaller capacitance drop when operating near 0VRMS.
Therefore, an 0805 or larger ceramic capacitor should be used for the SET pin bypass capacitor for best performance.
A larger required capacitance value may require larger case sizes; for example, a 4.7μF value should use 1206 or
larger.
Table 7 shows some recommended SET pin capacitors.
Table 7. Suggested SET Capacitor Part Numbers
PART DESCRIPTION
MANUFACTURER/PART NUMBER
1µF, X7R, 35V, 0805
MURATA, GRM219R7YA105KA12
4.7µF, X7R, 50V, 1206
MURATA, GRM31CR71H475MA12
10µF, X7R, 100V, 1210
MURATA, GRM32EC72A106KE05
For high vibration environments, non-piezoelectrically responsive capacitors should be used at the SET pin for
optimal performance. A piezoelectric ceramic capacitor generates voltage across its terminals due to mechanical
stress upon it, induced by mechanical vibrations or thermal transients. Film capacitors are the preferred option. If a
ceramic must be used, soft-termination ceramics are available, which reduce the sensitivity to the piezoelectric
effect.
(a) Rated Capacitance = 1µF
0402 6.3V (GRM155R70J105KA12)
0402 10V (GRM155C71A105KE 11)
0805 35V (GRM219R7 YA105KA12)
0805 100V (GRM21BC72A105KE01)
AC VOLTAGE (VRMS)
0
0.5
1.0
1.5
2.0
–60
–50
–40
–30
–20
–10
0
10
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com