Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 1 Page - Analog Devices

  LT3045 Datasheet HTML 1Page - Analog Devices LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Data Sheet
LT83201
18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
Rev. A
DOCUMENT FEEDBACK
One Analog Wa y, Wilmington, MA 01887 - 2356, U.S.A.
T el: 781.329.4700
TECHNICAL SUPPORT
© 202
5 Analog Devices, Inc. All rights reserved.
FEATURES
Silent Switcher® 3 Architecture
Ultra-Low RMS Noise (10Hz to 100kHz): 4μVRMS
Ultra-Low Spot Noise: 4nV/√Hz at 10kHz
Ultra-Low EMI Emissions
Ultra-Fast Transient Response
<1µs Transient Recovery Time
High Efficiency at High Frequency
Up to 94% Efficiency at 2MHz, 12VIN to 5VOUT
Up to 92% Efficiency at 4MHz, 12VIN to 5VOUT
Input Voltage Range: 2.8V to 18V
Output Voltage Range: 0V to (VIN − 0.5V)
Unity Gain Configuration up to 13V Output
Maximum Continuous Output Current: 1A
Fast Minimum Switch On-Time: 13ns
Adjustable and Synchronizable: 300kHz to 6MHz
Precision Reference: ±0.6% Over Temperature with
Remote Sense
Pin Selectable Forced Continuous Mode (FCM) or
Discontinuous Conduction Mode (DCM) During
Operation
Full Frequency Discontinuous Conduction at Light
Loads in DCM for Higher Efficiency and Predictable
Noise
Supports Dynamic Output Voltage Control
Programmable Power Good
Tiny 15-Lead 3mm × 2mm LFCSP Package
Pin-to-Pin Compatible Family: LT83201 (1A), LT83203
(3A), LT83205 (5A)
GENERAL DESCRIPTION
The LT®83201 synchronous step-down regulator is
uniquely designed to combine an ultra-low noise reference
with Silent Switcher architecture to achieve both high
efficiency and excellent wideband noise performance.
The innovative ultra-low noise architecture allows
exceptional low-frequency (0.1Hz to 100kHz) output noise
performance in a switching regulator. The output voltage
can be programmed with a single resistor, resulting in
virtually constant output noise independent of output
voltage.
Silent Switcher architecture minimizes EMI emissions
while delivering high efficiency at high switching
frequencies.
The LT83201 is ideal for noise-sensitive applications which
benefit from the high efficiency of a synchronous switching
regulator.
APPLICATIONS
RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
Low Noise Instrumentation
High Speed/High Precision ADCs/DACs
General Purpose Power Supply
All registered trademarks and trademarks are the property of their respective
owners. Protected by U.S. patents, including 882334.
TYPICAL APPLICATION
Figure 1. LT83201 Application Diagram
Figure 2. 12V to 3.3V Efficiency
4.7µF
47.5kΩ
1µF
33.2kΩ
1.47kΩ
280kΩ
49.9kΩ
0.1µF
1µF
4.7nF
1µF
1µF
2.2µH
32µF
VIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT83201
fSW = 2MHz
BST
INTVCC
VIN
GND
GND
VIN
3.9V TO 18V
3.3V
1A
VOUT
PG
EFFICIENCY
POWER LOSS
2MHz, DCM
2MHz, FCM
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
45
50
55
60
65
70
75
80
85
90
95
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55


Similar Part No. - LT3045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
LT3045 LINER-LT3045 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3045 AD-LT3045 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LT3045 AD-LT3045 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3045 AD-LT3045 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results

Similar Description - LT3045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT3935 AD-LT3935 Datasheet
1Mb / 22P
36V, 4A Synchronous Step-Down LED Driver with Silent Switcher
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
LT8622S AD-LT8622S Datasheet
204Kb / 2P
18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com