Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 9 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 9 of 45
5, 7,
Exposed
Pad
GND
Ground. Place the negative terminal of the input capacitor as close to the GND pins as
possible. The exposed pads should be soldered to the PCB for good thermal
performance. If necessary due to manufacturing limitations, the exposed pad may be
left disconnected; however, the performance degrades.
6
SW
The SW pin is the output of the internal power switches. Connect this pin to the
inductor. This node must be kept small on the PCB for good performance and low EMI.
9
BST
This pin is used to provide a drive voltage higher than the input voltage to the topside
power switch. Place a 0.1µF boost capacitor as close as possible to the IC.
10
INTVCC
Internal 3.4V Regulator Bypass Pin. The internal power drivers and control circuits are
powered by this voltage. Do not load the INTVCC pin with external circuitry. INTVCC
current is supplied by VIN. Decouple this pin to ground with at least 1µF low equivalent
series resistance (ESR) ceramic capacitor placed close to the IC.
11
EN/UVLO
A voltage at this pin greater than 0.75V enables switching, and a voltage less than
200mV is guaranteed to shut down the internal current bias and sub-regulators. The
hysteretic threshold voltage is 0.75V going up and 0.7V going down. Connect to VIN if
the shutdown feature is not used. An external resistor divider from VIN is used to
program a VIN threshold below which the LT83201 shuts down.
12
VC
The VC pin is the output of the internal error amplifier. The voltage on this pin controls
the peak switch current. Connect an RC network from this pin to ground to
compensate the control loop.
13
SET
This pin is the non-inverting input of the error amplifier and the regulation setpoint for
the LT83201. SET sources a precision 100μA current that flows through an external
resistor connected between the SET and GND. The LT83201’s output voltage is
determined by VSET = ISET × RSET when used in the default unity-gain configuration. The
SET pin voltage range is from 0V to 13V. For applications with output voltages above
13V, see the Output Voltages Above 13V section. A capacitor should be added from SET
to GND for the best noise performance. Increasing this capacitance further improves
noise at the expense of increased start-up time. See the Set Pin Capacitor: Noise and
Soft-Start section for important information on how to select this capacitor. For
optimum load regulation, Kelvin connect the ground side of the SET pin resistor
directly to the load. This pin is pulled to ground with a 520Ω MOSFET (RSET-PULLDOWN)
during shutdown and fault conditions.
14
OUTS
Output Sense. This pin is the inverting input to the error amplifier. For optimal
transient performance and load regulation, Kelvin connect OUTS directly to the output
capacitor and the load.
15
PGFB
Power Good Feedback. The PG pin pulls low if PGFB increases above 537.5mV or
decreases below 462.5mV. Connecting an external resistor divider between VOUT, PGFB,
and GND sets the programmable power good threshold with the following transfer
function: 0.5V (±7.5%) × (1 + RPGFB(TOP)/RPGFB(BOT)). As discussed in the Applications
Information section, PGFB also activates the fast start-up circuitry. The PGFB pin must
be connected to INTVCC or 0.5V if power good and fast start-up functionalities are not
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com