Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 16 of 45
Figure 40. Switch Rising Edge
Figure 41. Switching Waveforms, Full Frequency
Continuous Operation
Figure 42. Switching Waveforms, Full Frequency
Discontinuous Operation
Figure 43. Switching Waveforms, Pulse-Skipping
Discontinuous Operation
Figure 44. Transient Response: Load Current
Stepped from 0.5A to 1A
Figure 45. Transient Response: Load Current
Stepped from 50mA to 1A
VIN = 12V
ILOAD = 1A
5ns/DIV
VSW
2V/DIV
12VIN TO 1VOUT AT 1A
fSW = 2MHz
500ns/DIV
VSW
5V/DIV
IL
1A/DIV
12VIN TO 1VOUT AT 100mA
fSW = 2MHz
1µs/DIV
VSW
5V/DIV
IL
500mA/DIV
12VIN TO 1VOUT AT 60mA
VSYNC = 0V
1µs/DIV
VSW
5V/DIV
IL
500mA/DIV
VIN = 12V, VOUT = 3.3V, fSW = 2MHz, RC = 2.32kΩ, CC = 1.5nF
TYPICAL APPLICATION CIRCUIT
0.5A
1A
20µs/DIV
ILOAD
500mA/DIV
VOUT
20mV/DIV
FORCED CONTINUOUS MODE
DISCONTINUOUS CONDUCTION MODE
VIN = 12V, VOUT = 3.3V, fSW = 2MHz, RC = 2.32kΩ, CC = 1.5nF
TYPICAL APPLICATION CIRCUIT
50mA
1A
20µs/DIV
ILOAD
1A/DIV
VOUT
20mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com