Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 20 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 20 of 45
APPLICATIONS INFORMATION
Low Frequency Output Noise
The LT83201 offers many advantages with respect to noise performance in the low-frequency range (<100kHz).
Conventional step-down regulators have several sources of low frequency noise. The most critical noise sources for
a conventional regulator are its reference, error amplifier, noise from the resistor divider network used for setting
output voltage, and the noise gain created by this resistor divider.
Unlike most step-down regulators, the LT83201 does not use a voltage reference; instead, it uses a 100μA current
reference. One problem that conventional step-down regulators face is that the resistor divider setting the output
voltage gains up the reference noise. In contrast, the current reference architecture employed by the LT83201 allows
unity-gain operation to avoid gaining up the noise from the reference to the output. Therefore, if a capacitor
bypasses the SET pin resistor, the output noise is independent of the programmed output voltage. The resultant
output noise is typically 4nV/√Hz at 10kHz.
With the previously mentioned noise sources operating at such low noise levels, other noise sources become non-
negligible contributors to the output noise. Choosing a compensation network that achieves good transient
performance with good phase margin ensures optimal noise performance. The Applications Information section on
Frequency Compensation provides guidelines on how to choose appropriate compensation.
Filtering Switching Ripple and High Frequency Noise
The LT83201 is a switching regulator and also has the typical artifacts of a switching regulator at the output, namely
a ripple at the fundamental switching frequency as well as high-frequency spikes associated with the fast switching
edges. While the output capacitor absorbs some of these spikes, the capacitor ESL limits its ability to do so at high
frequencies. Additional filtering at the output in the form of feedthrough capacitors, ferrite beads, or an additional
LC filter stage is recommended to eliminate these high-frequency spikes and significantly reduce switching ripple.
If additional switching ripple reduction is required while retaining fast transient response, ferrite beads, a PCB trace
or feedthrough capacitors may be used. For feedthrough capacitors, ensure sufficient feedthrough capacitors are
paralleled to carry the required load current. Figure 49 shows an example where two 3A-rated feedthrough capacitors
are used for additional switching ripple suppression to deliver up to 6A at the output. In practice, this is limited to 1A
for the LT83201.
Figure 49. Additional Output Ripple Filtering Using Feedthrough Capacitors
LT83201
GND
SW
OUTS
2.2µH
22µF
22µF
OPTIONAL
FEEDTHROUGH
CAPACITOR
3A RATED
4.7µF
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com