Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 18 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 18 of 45
BLOCK DIAGRAM
Figure 48. Block Diagram
CBST
0.1µF
CIN1
COUT
RSET
CSET
RC
CC
RT
REN1
REN2
L
SWITCH
LOGIC
AND
ANTI-SHOOT
THROUGH
VIN
3.4V
REG
SLOPE COMP
OSCILLATOR
300kHz TO 6MHz
VC
CURRENT
REFERENCE
100µA
2.7mA
FAST START-UP
500mV ± 37.5mV
FAST
START-UP
DISABLE
LOGIC
ERROR
AMPLIFIER
SHDN
THERMAL
SHDN
VIN UVLO
VCC UVLO
PROGRAMMABLE
POWER GOOD
PG
PGFB
SET
OUTS
VC
RT
SYNC/MODE
VIN
INTVCC
BST
SW
GND
VOUT
VIN
EN/UVLO
0.75V
BIAS
SHDN
CIN2
CVCC
1µF
SHDN
THERMAL SHDN
VCC UVLO
VIN UVLO
700kΩ
70kΩ
INTVCC
SET-TO-OUTS
PROTECTION
CLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com