Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 15 of 45
Figure 34. ISET During Start-Up with Fast Start-Up
Enabled (vs. VIN − VSET Differential)
Figure 35. Start-Up Time with and without Fast
Start-Up Circuitry for Large CSET
Figure 36. Soft-Start Waveforms
Figure 37. Power-Good High Thresholds
Figure 38. Power-Good Low Thresholds
Figure 39. Error Amp Output Current
VPGFB = 400mV
VIN − VSET DIFFERENTIAL (V)
0
2
4
6
8
10
12
14
16
18
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
WITH FAST START-UP
WITHOUT FAST START-UP
VIN = 5V, RSET = 10kΩ, CSET = 4.7µF
fSW = 2MHz, L = 330nH, COUT = 5 × 22µF, RLOAD = 5Ω
50ms/DIV
VOUT
250mV/DIV
VEN
2V/DIV
CSET = 1µF
CSET = 4.7µF
CSET = 10µF
VIN = 5V, RSET = 10kΩ, WITH FAST START-UP
fSW = 2MHz, L = 330nH, COUT = 5 × 22µF, RLOAD = 5Ω
500µs/DIV
VOUT
500mV/DIV
VEN
2V/DIV
PGFB RISING
PGFB FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
520
522
524
526
528
530
532
534
536
538
540
PGFB RISING (START-UP)
PGFB RISING
PGFB FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
450
455
460
465
470
475
480
485
490
495
500
VC = 1.2V
VSET = 1V
VOUTS – VSET ERROR (mV)
–250 –200 –150 –100
–50
0
50
100
150
200
250
–500
–400
–300
–200
–100
0
100
200
300
400
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com