Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 40 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 40 of 45
Figure 65. 1V 1A 2MHz Step-Down Converter with Soft-Start, Fast Start-Up, Power Good
Figure 66. Negative 5V 0.8A 1MHz Step-Down Converter with Soft-Start, Fast Start-Up and Power Good
47.5kΩ
1µF
10kΩ
1.2kΩ
49.9kΩ
49.9kΩ
0.1µF
1µF
4.7nF
68pF
1µF
1µF
1.2µH
2.2µF ×2
VIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT83201
fSW = 2MHz
BST
INTVCC
VIN
GND
GND
VIN
2.8V TO 18V
1V
1A
VOUT
22µF ×2
0603
X7T
35V
4.7µF
PG
PIN(S) NOT USED IN THIS CIRCUIT:
SYNC/MODE
CSET: GCM188D7YA105KE36#
L: XGL3515
−5V
0.8A
VOUT
OPTIONAL
SCHOTTKY
DIODE
105kΩ
2.2µF
49.9kΩ
1kΩ
453kΩ
49.9kΩ
0.1µF
1µF
6.8nF
1µF
1µF
4.7µH
1µF ×2
VIN
EN/UVLO
SET
RT
GND
VC
PGFB
OUTS
SW
LT83201
fSW = 1MHz
BST
INTVCC
VIN
GND
GND
VIN
10V TO 13V
22µF ×3
47µF ×1
0603
X7T
35V
22µF
PG
CSET: GCM21BR71E225KA73#
L: XGL4018
4.7µF
PIN(S) NOT USED IN THIS CIRCUIT:
SYNC/MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com