Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 19 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 19 of 45
THEORY OF OPERATION
The LT83201 is a constant-frequency, current-mode, monolithic step-down regulator, operating using a current
reference-based architecture to allow the employment of unity gain to minimize output noise across all output
voltages. An oscillator, with the frequency set using a resistor on the RT pin, turns on the internal top power switch
at the beginning of each clock cycle. The current in the inductor increases until the top switch current comparator
trips and turns off the top power switch. The peak inductor current at which the top switch turns off is controlled by
the voltage on the VC pin. The error amplifier servos the VC node by comparing the voltage on the OUTS pin to the
reference voltage on the SET pin, which is set by the user with a resistor from the SET pin to the ground. When the
load current increases, it causes a reduction in the OUTS voltage relative to the reference, leading the error amplifier
to raise the VC voltage until the average inductor current matches the new load current. When the top power switch
turns off, the synchronous power switch turns on until the next clock cycle begins or the inductor current falls to zero
(only in the discontinuous conduction mode). If overload conditions result in more than 1.7A flowing through the
bottom switch, the next clock cycle is delayed until the switch current returns to a safe level.
The LT83201 features third-generation Silent Switcher technology, which combines an ultra-low noise current
reference with previous generation Silent Switcher technology. The output voltage can be programmed with a single
resistor, providing unity-gain operation over the output range, resulting in virtually constant ultra-low output noise
independent of the output voltage.
If the EN/UVLO pin is below 0.2V, the LT83201 shuts down and draws 40μA from the input. When the EN/UVLO pin
rises above 0.75V, the switching regulator becomes active.
To improve efficiency at light loads, connect the LT83201 SYNC/MODE pin to ground for Discontinuous Conduction
Mode (DCM), which allows discontinuous conduction at light loads. The LT83201 provides smooth transitions
between continuous conduction and discontinuous conduction operation in this mode. In discontinuous mode the
LT83201 retains full frequency operation down to light loads for predictable noise.
The SYNC/MODE pin is connected to INTVCC or to a voltage higher than 1.5V or floated to use Forced Continuous Mode
(FCM). If a clock is applied to the SYNC pin, the part synchronizes to an external clock frequency and operates in FCM.
The LT83201 can operate in FCM for fast transient response and full frequency operation over a wide load range.
When in FCM, the oscillator operates continuously, and positive SW transitions are aligned to the clock. Negative
inductor current is allowed. In this mode, the LT83201 can sink current from the output and return this charge to the
input, improving load-step transient response.
The VC pin allows the loop compensation of the switching regulator to be optimized based on the programmed
switching frequency, allowing for a fast transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com