Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 41 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 41 Page - Analog Devices

Back Button LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices LT3045 Datasheet HTML 45Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 41 of 45
Figure 67. Dynamic Output Voltage Control 5V to 8V 1A 1.6MHz Step-Down Converter with External DAC
VOUT = (VREF + 1) × 0.866
5V TO 8V
1A
PIN(S) NOT USED IN THIS CIRCUIT:
PG, SYNC/MODE
61.9kΩ
1µF
64.9kΩ
1.5kΩ
0.1µF
1µF
4.7nF
1µF
1µF
10kΩ
3.3µH
VIN
EN/UVLO
VC
RT
GND
INTVCC
OUTS
SW
LT83201
fSW = 1.6MHz
BST
SET
VIN
GND
GND
VIN
12V
0603
X7T
35V
CSET: GCM188D7YA105KE36#
PGFB
DAC OUTPUT* (VREF):
4.77V TO 8.24V
0V TO 10V OUTPUT RANGE
INTERNAL REFERENCE MODE
L: DFE322512
LTC2688
0.5V OR INTVCC**
4.7µF
2.2µF ×2
22µF ×2
47µF ×1
*NOTE: DAC OUTPUT SHOULD BE ABLE TO SOURCE AND SINK 1mA CURRENT.
**NOTE: APPLICATIONS WITH DYNAMIC VOLTAGE CONTROL WILL NOT BE ABLE TO USE THE POWER GOOD AND FAST
START-UP FUNCTIONALITIES AND MUST TIE PGFB TO 0.5V or INTVCC TO DISABLE THESE FUNCTIONS CORRECTLY.
NOTE: CONTACT FACTORY FOR LT83201-2 WHICH DISABLES THE 100µA SET PIN CURRENT FOR IMPROVED DYNAMIC
VOLTAGE CONTROL ACCURACY AND QUIESCENT CURRENT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com