Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 11 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 11 of 45
Figure 10. 12VIN to 1.2VOUT Efficiency (FCM)
Figure 11. 12VIN to 1.8VOUT Efficiency (FCM)
Figure 12. 12VIN to 3.3VOUT Efficiency (FCM)
Figure 13. 12VIN to 5VOUT Efficiency (FCM)
Figure 14. 12VIN to 3.3VOUT Efficiency (DCM)
Figure 15. 12VIN to 3.3VOUT Efficiency
EFFICIENCY
POWER LOSS
L = XGL6060
1MHz, 3.30µH, (5.9mΩ)
2MHz, 1.50µH, (3.3mΩ)
3MHz, 1.00µH, (2.5mΩ)
4MHz, 0.68µH, (2.0mΩ)
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
1.0
EFFICIENCY
POWER LOSS
L = XGL6060
1MHz, 4.7µH, (9.1mΩ)
2MHz, 2.2µH, (4.3mΩ)
3MHz, 1.5µH, (3.3mΩ)
4MHz, 1.0µH, (2.5mΩ)
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
EFFICIENCY
POWER LOSS
L = XGL6060
1MHz, 6.8µH, (12.7mΩ)
2MHz, 3.3µH, (5.9mΩ)
3MHz, 2.2µH, (4.3mΩ)
4MHz, 1.5µH, (3.3mΩ)
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
35
40
45
50
55
60
65
70
75
80
85
90
95
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
1.0
EFFICIENCY
POWER LOSS
L = XGL6060
1MHz, 8.2µH, (15.2mΩ)
2MHz, 4.7µH, (9.1mΩ)
3MHz, 3.3µH, (5.9mΩ)
4MHz, 2.2µH, (4.3mΩ)
LOAD CURRENT (A)
0
0.2
0.4
0.6
0.8
40
45
50
55
60
65
70
75
80
85
90
95
100
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
1.0
L = XGL6060
EFFICIENCY
POWER LOSS
1MHz, 6.8µH, (12.7mΩ)
2MHz, 3.3µH, (5.9mΩ)
3MHz, 2.2µH, (4.3mΩ)
4MHz, 1.5µH, (3.3mΩ)
LOAD CURRENT (mA)
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
EFFICIENCY
POWER LOSS
2MHz, DCM
2MHz, FCM
LOAD CURRENT (mA)
50
100
1000
50
55
60
65
70
75
80
85
90
95
100
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com