Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 4 Page - Analog Devices

  LT3045 Datasheet HTML 1Page - Analog Devices LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 4 of 45
SPECIFICATIONS
Table 1. Electrical Characteristics
(TJ = −40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to
GND, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Minimum VIN
VIN
VSET = 1V
2.5
2.8
V
SET Pin Current (ISET)
ISET
VSET = VOUTS = 1V, TA = +25°C
99.85
100
100.15
μA
VSET = VOUTS = 1V
99.4
100
100.6
Fast Start-Up Set Pin
Current
IFAST_STARTUP
VIN = 12V, VSET = 1V, TA = +25°C
2.0
2.7
3.2
mA
Start-Up Time Without
Fast Start-Up1,2
tSTARTUP
VOUT = 1V, CSET= 1μF, VIN = 12V,
VPGFB = 0.5V
25
ms
VOUT = 1V, CSET= 4.7μF, VIN = 12V, VPGFB=
0.5V
120
Start-Up Time With Fast
Start-Up1,2
tSTARTUP
VOUT = 1V, CSET= 1μF, VIN = 12V,
RPGFB(TOP) = 49.9kΩ, RPGFB(BOT) = 49.9kΩ
1
ms
VOUT = 1V, CSET= 4.7μF, VIN = 12V,
RPGFB(TOP) = 49.9kΩ, RPGFB(BOT) = 49.9kΩ
2.5
Output Noise Spectral
Density (10kHz) 1,3,4
VO,NSD(10kHz)
VIN = 12V, VOUT = 3.3V, COUT = 46.4 μF, L
= 0.82μH, RSET = 33.2kΩ, CSET = 1.1μF,
fSW= 6MHz, RC = 1.74kΩ, CC= 3.3nF
4
nV/√Hz
Output RMS Noise (10Hz
to 100kHz) 1,3,4
VO,RMS
VIN = 12V, VOUT = 3.3V, COUT = 46.4 μF, L
= 0.82μH, RSET = 33.2kΩ, CSET = 1.1μF,
fSW = 6MHz, RC = 1.74kΩ, CC = 3.3nF
2.08
μVRMS
VIN Quiescent Current
IQ
VEN/UVLO= 2V, Not Switching,
TA = +25°C
2.7
3.6
mA
VEN/UVLO= 0.2V, Shutdown, TA = +25°C
40
60
μA
Oscillator Frequency
fSW
RT = 392kΩ
270
300
330
kHz
RT = 47.5kΩ
1.93
2
2.07
MHz
RT = 9.76kΩ
5.4
6
6.6
PGFB Upper Threshold
VPGH
VPGFB Rising
529
537.5
546
mV
PGFB Upper Threshold
Hysteresis
VPGH_HYS
10
mV
PGFB Lower Threshold
VPGL
VPGFB Falling
455
462.5
470
mV
PGFB Lower Threshold
Hysteresis
VPGL_HYS
10
mV
PGFB Lower Threshold
(Start-Up only)
VPGL_STARTUP VPGFB Rising
479
486.5
495
mV
PGFB Pin Current
IPGFB
VEN/UVLO = 3V, VPGFB = 0.5V
12
nA
PG Leakage
IPG_LKG
VPG= 3.3V, TA= +25°C
−40
40
nA
PG Pull-Down
Resistance
RPG
VPG = 0.5V
380
1200
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com