Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 13 of 45
Figure 22. EN/UVLO Pin Thresholds
Figure 23. Top MOSFET Current Limit
Figure 24. Top MOSFET Current Limit vs. Duty Cycle
Figure 25. Switch RDS(ON) vs. Temperature
Figure 26. Dropout Voltage vs. Temperature
Figure 27. Minimum VIN vs. Temperature
EN/UVLO RISING
EN/UVLO FALLING
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.67
0.68
0.69
0.70
0.71
0.72
0.73
0.74
0.75
0.76
0.77
10% DC
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
DUTY CYCLE (%)
0
10
20
30
40
50
60
70
80
90
100
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
TOP SWITCH
BOTTOM SWITCH
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
120
130
140
150
160
170
180
190
200
210
220
VIN = 12V
VOUT > 2.4V
TEMPERATURE (°C)
0
–25
0
25
50
75
100
125
300
350
400
450
500
550
600
650
700
750
800
VOUT ≤ 2.1V
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com