Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 6 of 45
(TJ = −40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to
GND, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
Power MOSFET
On-Resistance
Synchronous Switch
(Bottom)
RDS-ONL
154
mΩ
Hiccup Timer
tHICC
TA = +25°C
1.7
ms
EN/UVLO Threshold
VENR
EN/UVLO Rising
0.7
0.75
0.8
V
EN/UVLO Hysteresis
VEN_HYS
50
mV
EN Delay Timer1,9
tEN_DELAY
VIN = 12V, CVCC = 1µF, RC = 1.24kΩ, CC =
4.7nF, CSET = 1μF
114
μs
EN/UVLO Input Current
IEN
VEN/UVLO = 2V, TA = +25°C
−40
40
nA
.
1
Not subject to production test.
2
The start-up time is defined as the time it takes from the EN/UVLO pin rising above the EN/UVLO threshold to
when VOUT has reached 90% of final value.
3
OUTS ties directly to VOUT.
4
Adding a capacitor across the SET pin resistor decreases output voltage noise. Adding this capacitor bypasses
the SET pin resistor’s thermal noise as well as the reference current’s noise. Use of a SET pin bypass capacitor
also increases start-up time.
5
The LT83201 is tested in a feedback loop that servos VC to a specified voltage and measures the resultant VOUTS.
6
The PNP-based input pair is active for the error amplifier as long as VIN is at least 1.4V above VSET. As VIN drops to
less than 1.4V above VSET, the part gradually transitions to operating with the NPN-based input pair active.
7
Thermal Resistance (θ) values determined per JEDEC 51-7, 51-12. For information on improving the thermal
resistance and for actual temperature measurements of a demo board in typical operating conditions, see the
Applications Information section.
8
This IC includes overtemperature protection that is intended to protect the device during overload conditions.
Junction temperature exceeds 150°C temperature when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature reduces lifetime.
9
EN Delay Timer is the time from EN/UVLO high to first switching cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com