Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices LT3045 Datasheet HTML 21Page - Analog Devices LT3045 Datasheet HTML 22Page - Analog Devices LT3045 Datasheet HTML 23Page - Analog Devices LT3045 Datasheet HTML 24Page - Analog Devices LT3045 Datasheet HTML 25Page - Analog Devices LT3045 Datasheet HTML 26Page - Analog Devices LT3045 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 23 of 45
Forced Continuous Mode (FCM)
The LT83201 can operate in FCM for fast transient response and full-frequency operation over a wide load range.
When in FCM, the oscillator operates continuously, and positive SW transitions are aligned to the clock. Negative
inductor current is allowed at light loads or under large transient conditions. In this mode, the LT83201 can sink
current from the output and return this charge to the input, improving load-step transient response (for a
comparison of DCM and FCM, see Figure 52). At light loads, FCM operation is less efficient than DCM operation, but it
may be useful in applications where the output is required to sink current. To enable FCM, connect the pin to INTVCC
or > 1.5V, or float the pin.
Figure 52. Load Step Transient Response with and without FCM
FCM is disabled under VIN overvoltage conditions (VIN pin is held above 18V), if VOUT is too high (PGFB pin is held greater
than 537.5mV) and during start-up until the voltage on VOUT has charged up to ~97.5% of its final value (as indicated
when the PGFB pin rises to above 486.5mV). For the latter two conditions, it is assumed the PGFB pin is connected to
the output voltage through an appropriate resistor divider. When FCM is disabled in these ways, negative inductor
current is not allowed, and the LT83201 operates in DCM.
Discontinuous Conduction Mode (DCM)
When not operating in FCM, the LT83201 operates in Discontinuous Conduction Mode (DCM), which allows
discontinuous operation at light loads. In this mode, the oscillator operates continuously, all switching cycles are
aligned to the clock and negative inductor current is not allowed. This improves efficiency at light loads.
The LT83201 enters discontinuous mode when the inductor valley current drops below 0A and stays in discontinuous
mode until the inductor valley current rises slightly above 0A, at which point the part returns to continuous mode
operation. This allows a smoother transition between discontinuous and continuous mode operation.
In this mode, the LT83201 may also skip switching cycles at very light loads for improved efficiency or at very high
duty cycle to achieve better dropout.
Skipping pulses can result in additional noise at frequencies other than the switching frequency, which could be
undesirable for some applications. The LT83201 operates at full frequency down to very light loads due to the
excellent minimum on-time. Operating at full frequency at light loads helps achieve higher light load efficiency and
predictable noise performance.
FORCED CONTINUOUS MODE
DISCONTINUOUS CONDUCTION MODE
VIN = 12V, VOUT = 3.3V, fSW = 2MHz, RC = 2.32kΩ, CC = 1.5nF
TYPICAL APPLICATION CIRCUIT
50mA
1A
20µs/DIV
ILOAD
1A/DIV
VOUT
20mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com