Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet(PDF) 35 Page - Analog Devices

Part # LT3045
Description  18V, 1A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 35 Page - Analog Devices

Back Button LT3045 Datasheet HTML 31Page - Analog Devices LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
Data Sheet
LT83201
analog.com
Rev. A 35 of 45
Without fast start-up enabled, the RCtime constant, formed by the SET pin resistor and capacitor, controls soft-start
time. Connect the PGFB pin to INTVCC or to 0.5V to disable fast start-up. The ramp-up rate from 0% to 90% of nominal
VOUT is given by Equation 11.
tSTART_NO_FAST_START−UP = 2.3 × RSET × CSET
(11)
With fast-start-up enabled, the start-up time can be significantly reduced, with the ramp-up time from 0% to 90% of
the nominal VOUT given by Equation 12. For how the 2.7mA fast start-up current varies with temperature and VIN – VSET
differential voltage, see the Typical Performance Characteristics section.
tSTART_FAST_START−UP =
100μA × RSET × CSET
2.7mA
(12)
In most applications, fast start-up is enabled, in which case a minimum SET capacitor size of 1μF is recommended
for preventing reference voltage overcharge as well as ensuring good noise performance.
The SET pin is pulled to ground with a 520Ω MOSFET (RSET-PULLDOWN) during shutdown, thermal shutdown, VCC UVLO or
VIN UVLO. To ensure soft-start when the part exits any of the above conditions, there must have been sufficient time
to allow the SET pin to be pulled to close to ground prior to start-up. This time will be a function of the chosen SET
pin capacitance and RSET-PULLDOWN.
Fast Start-Up
For ultra-low noise applications that require low 1/f noise (that is, at frequencies below 100Hz), a larger value SET
pin capacitor is required, up to 22μF. A larger value capacitor can be used, but care should be taken regarding
leakage. While normally larger capacitors significantly increase the regulator’s start-up time, the LT83201
incorporates fast start-up circuitry that increases the SET pin current to about 2.7mA during start-up.
Upon start-up, the 2.7mA current source remains engaged while PGFB is below the power good start-up threshold
(VPGL_STARTUP) of 486.5mV, unless the regulator is in thermal shutdown, VIN is too low, or INTVCC has fallen too low.
The fast start-up circuit is permanently disabled once PGFB rises above VPGL_STARTUP until either the part is powered
down, or the part is placed into shutdown by pulling the EN/UVLO pin below 0.75V.
There is one more condition under which the 2.7mA current source is disabled during start-up. The purpose of this is
to prevent overcharging VSET. Since the part assumes that the PGFB pin is an accurate indication of the voltage on the
SET pin, it assumes that VOUTS follows VSET closely. However, this may not always be the case; for example, if the output
capacitance is very large or if, for some reason, the output is temporarily shorted to the GND. Therefore, fast charge
is disabled whenever VOUTS is lagging VSET by more than 30mV. This prevents incorrect behavior where the 2.7mA
current source stays on even when VSET has risen above its intended final value.
If programmable power good and fast start-up capabilities are not required, the PGFB pin must be connected to
either INTVCC or to 0.5V.
Programmable Power Good
As shown in the Block Diagram, the power good threshold is user programmable using the ratio of two external
resistors, RPGFB(BOT) and RPGFB(TOP) (see Equation 13).
VOUT(PG_THRESHOLD) = 0.5V × (1 +
RPGFB(TOP)
RPGFB(BOT)
) + IPGFB × RPGFB(TOP)
(13)
If the PGFB pin increases above 537.5mV or decreases below 462.5mV, the open-drain PG pin asserts and becomes
low impedance, indicating power is bad. The power good comparator has hysteresis of 10mV. The PGFB pin current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com